Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7303BN Datasheet (PDF) - Analog Devices

AD7303BN Datasheet PDF - Analog Devices
Part # AD7303BN
Download  AD7303BN Download
File Size   363.86 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC

AD7303BN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7303BN Datasheet PDF - Analog Devices

Part # AD7303BN
Download  AD7303BN Click to download

File Size   363.86 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC

AD7303BN Datasheet (HTML) - Analog Devices


AD7303BN Product details

GENERAL DESCRIPTION
The AD7303 is a dual, 8-bit voltage out DAC that operates from a single +2.7 V to +5.5 V supply. Its on-chip precision output buffers allow the DAC outputs to swing rail to rail. This device uses a versatile 3-wire serial interface that operates at clock rates up to 30 MHz, and is compatible with QSPI, SPI, microwire and digital signal processor interface standards. The serial input register is sixteen bits wide; 8 bits act as data bits for the DACs, and the remaining eight bits make up a control register.

FEATURES
   Two 8-Bit DACs in One Package
   8-Pin DIP/SOIC and microSOIC Packages
   +2.7 V to +5.5 V Operation
   Internal & External Reference Capability
   Individual DAC Power-Down Function
   Three-Wire Serial Interface
      QSPI™, SPI™ and Microwire™ Compatible
   On-Chip Output Buffer
      Rail-to-Rail Operation
   On-Chip Control Register
   Low Power Operation: 2.3 mA @ 3.3 V
   Full Power-Down to 1 mA max, typically 80 nA
  
APPLICATIONS
   Portable Battery Powered Instruments
   Digital Gain and Offset Adjustment
   Programmable Voltage and Current Sources
   Programmable Attenuators




Similar Part No. - AD7303BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303BN AD-AD7303BN Datasheet
361Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
AD7303BN AD-AD7303BN Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BN AD-AD7303BN Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Similar Description - AD7303BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302 AD-AD7302 Datasheet
292Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
AD7303 AD-AD7303 Datasheet
361Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com