Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA028P2-A2 Datasheet (PDF) - Alpha Industries

AA028P2-A2 Datasheet PDF - Alpha Industries
Part # AA028P2-A2
Download  AA028P2-A2 Download
File Size   546.58 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 25-31 GHz Surface Mount Amplifier

AA028P2-A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA028P2-A2 Datasheet PDF - Alpha Industries

Part # AA028P2-A2
Download  AA028P2-A2 Click to download

File Size   546.58 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 25-31 GHz Surface Mount Amplifier

AA028P2-A2 Datasheet (HTML) - Alpha Industries


AA028P2-A2 Product details

Description
The AA028P2-A2 is a broadband millimeterwave driver amplifier in a rugged surface mount package which is compatible with high volume solder installation. The amplifier is designed for use in millimeterwave communication and sensor systems as a gain stage in the receiver, transmitter, or LO chain when high gain and linearity are required. The robust ceramic surface mount package provides excellent electrical performance and a high degree of environmental protection for long-term reliability. A single supply voltage simplifies bias requirements. All amplifiers are screened at the operating frequencies prior to shipment for guaranteed performance. Amplifier is targeted for high volume millimeterwave applications such as point-to-point and point-to-multipoint wireless communications systems.

Features
■ Surface Mount Package
■ 13 dB Gain
■ +16 dBm Output Power
■ Single Voltage Operation
■ 100% RF and DC Testing




Similar Part No. - AA028P2-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P2-00 ALPHA-AA028P2-00 Datasheet
80Kb / 2P
27-31 GHz GaAs MMIC Driver Amplifier
AA028P2-99 ALPHA-AA028P2-99 Datasheet
490Kb / 4P
25-31 GHz Amplifier
More results


Similar Description - AA028P2-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P2-99 ALPHA-AA028P2-99 Datasheet
490Kb / 4P
25-31 GHz Amplifier
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
31 GHz Medium Power Amplifier
logo
Fairchild Semiconductor
RMDA29000 FAIRCHILD-RMDA29000 Datasheet
120Kb / 8P
27-31 GHz Drive Amplifier MMIC
logo
TriQuint Semiconductor
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
27 - 31 GHz 1W Power Amplifier
QPA2628D TRIQUINT-QPA2628D Datasheet
1Mb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
TGA4544-SM TRIQUINT-TGA4544-SM Datasheet
1Mb / 14P
26 ??31 GHz 1W Power Amplifier
logo
Marki Microwave
AMM-7210SM MARKIMICROWAVE-AMM-7210SM Datasheet
819Kb / 16P
25-50 GHz GaAs Surface Mount LO Driver Amplifier
logo
Qorvo, Inc
QPA2628D QORVO-QPA2628D Datasheet
1,001Kb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
27 ??31 GHz GaN Power Amplifier
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com