Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA143ZUBTL Datasheet (PDF) - Rohm

DTA143ZUBTL Datasheet PDF - Rohm
Part # DTA143ZUBTL
Download  DTA143ZUBTL Download
File Size   1534.75 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)

DTA143ZUBTL Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA143ZUBTL Datasheet PDF - Rohm

Part # DTA143ZUBTL
Download  DTA143ZUBTL Click to download

File Size   1534.75 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)

DTA143ZUBTL Datasheet (HTML) - Rohm


DTA143ZUBTL Product details

Features
1) Built-In Biasing Resistors, R1 = 4.7kΩ, R2 = 47kΩ
2) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) .
3) Only the on/off conditions need to be set for operation, making the circuit design easy.
4) Complementary NPN Types: DTC143Z series

Application
    INVERTER, INTERFACE, DRIVER




Similar Part No. - DTA143ZUBTL

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZUB ROHM-DTA143ZUB Datasheet
101Kb / 3P
-100mA / -50V Digital transistors
DTA143ZUB ROHM-DTA143ZUB Datasheet
554Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143ZUB ROHM-DTA143ZUB Datasheet
1Mb / 14P
PNP -100mA -50V Digital Transistor
DTA143ZUB ROHM-DTA143ZUB Datasheet
554Kb / 11P
PNP -100mA -50V Digital Transistors
DTA143ZUB ROHM-DTA143ZUB Datasheet
554Kb / 11P
DTA143Z series
More results


Similar Description - DTA143ZUBTL

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com