Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA143ZUBTL Datasheet(PDF) 2 Page - Rohm

Part # DTA143ZUBTL
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143ZUBTL Datasheet(HTML) 2 Page - Rohm

  DTA143ZUBTL Datasheet HTML 1Page - Rohm DTA143ZUBTL Datasheet HTML 2Page - Rohm DTA143ZUBTL Datasheet HTML 3Page - Rohm DTA143ZUBTL Datasheet HTML 4Page - Rohm DTA143ZUBTL Datasheet HTML 5Page - Rohm DTA143ZUBTL Datasheet HTML 6Page - Rohm DTA143ZUBTL Datasheet HTML 7Page - Rohm DTA143ZUBTL Datasheet HTML 8Page - Rohm DTA143ZUBTL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DTA143Z series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-30 to 5
V
Output current
IO
-100
mA
Collector current
IC(MAX)*1
-100
mA
Power dissipation
DTA143ZM
PD*2
150
mW
DTA143ZEB
150
DTA143ZE
150
DTA143ZUB
200
DTA143ZUA
200
DTA143ZKA
200
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.5
V
VI(on)
VO = -0.3V, IO = -5mA
-1.3
-
-
Output voltage
VO(on)
IO / II = -5mA / -0.25mA
-
-0.1
-0.3
V
Input current
II
VI = -5V
-
-
-1.8
mA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-0.5
μA
DC current gain
GI
VO = -5V, IO = -10mA
80
-
-
-
Input resistance
R1
-
3.29
4.7
6.11
kΩ
Resistance ratio
R2/R1
-
8
10
12
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
                                            
 
                                        
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
2/10
20121023 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com