Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT4S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT4S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT4S60
Download  AOT4S60 Download
File Size   40.22 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 4A aMOSTM Power Transistor

AOT4S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT4S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT4S60
Download  AOT4S60 Click to download

File Size   40.22 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 4A aMOSTM Power Transistor

AOT4S60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT4S60 Product details

General Description
The AOT4S60 & AOB4S60 & AOTF4S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOT4S60L & AOB4S60L & AOTF4S60L

Product Summary
   VDS @ Tj,max 700V
   IDM                    16A
   RDS(ON),max 0.9Ω
   Qg,typ               6nC
   Eoss @ 400V 1.5µJ
​​​​​​​
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOT4S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4S60 AOSMD-AOT4S60 Datasheet
301Kb / 6P
600V 4A a MOS TM Power Transistor
logo
VBsemi Electronics Co.,...
AOT4S60 VBSEMI-AOT4S60 Datasheet
1Mb / 10P
N-Channel 6 50V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOT4S60 ISC-AOT4S60 Datasheet
306Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT4S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB4S60 AOSMD-AOB4S60 Datasheet
301Kb / 6P
600V 4A a MOS Power Transistor
AOD4S60 AOSMD-AOD4S60 Datasheet
457Kb / 7P
600V 4A a MOS Power Transistor
AOW4S60 AOSMD-AOW4S60 Datasheet
290Kb / 6P
600V 4A a MOS TM Power Transistor
logo
Shindengen Electric Mfg...
D4F60-5063 SHINDENGEN-D4F60-5063 Datasheet
395Kb / 3P
600V 4A
logo
Alpha & Omega Semicondu...
AOTF42S60 AOSMD-AOTF42S60 Datasheet
36Kb / 5P
600V 42A aMOSTM Power Transistor
AOB4S60L AOSMD-AOB4S60L Datasheet
301Kb / 6P
600V 4A a MOS TM Power Transistor
logo
Rohm
R6004END ROHM-R6004END Datasheet
2Mb / 14P
Nch 600V 4A Power MOSFET
logo
Alpha & Omega Semicondu...
AOTL42A60E AOSMD-AOTL42A60E Datasheet
473Kb / 6P
600V, aMOSTM N-Channel Power Transistor
Rev.1.0: June 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com