Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM028D1-00 Datasheet (PDF) - Alpha Industries

AM028D1-00 Datasheet PDF - Alpha Industries
Part # AM028D1-00
Download  AM028D1-00 Download
File Size   165.32 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer

AM028D1-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM028D1-00 Datasheet PDF - Alpha Industries

Part # AM028D1-00
Download  AM028D1-00 Click to download

File Size   165.32 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer

AM028D1-00 Datasheet (HTML) - Alpha Industries


AM028D1-00 Product details

Description
Alpha’s double balanced GaAs Schottky diode mixer has a typical conversion loss of 6.5 dB at an LO power level as low as 11 dBm over the band 26–33 GHz. The chip uses Alpha’s proven Schottky diode technology, and is based upon MBE layers for the highest uniformity and repeatability. The diodes employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate an epoxy die attach process. All chips are screened for DC diode parameters and lot samples are RF measured to guarantee performance.

Features
■ Low Conversion Loss, 6.5 dB
■ Insensitive to LO Power Variations
■ High LO to RF Isolation, 27 dB
■ No DC Bias Required




Similar Part No. - AM028D1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM028D1-A2 ALPHA-AM028D1-A2 Datasheet
590Kb / 4P
26-33 GHz Surface Mount Double Balanced Down Converter Mixer
More results


Similar Description - AM028D1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM028D1-A2 ALPHA-AM028D1-A2 Datasheet
590Kb / 4P
26-33 GHz Surface Mount Double Balanced Down Converter Mixer
AM028R1-00 ALPHA-AM028R1-00 Datasheet
124Kb / 2P
26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
AM028S1-00 ALPHA-AM028S1-00 Datasheet
90Kb / 2P
26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM028S1-A2 ALPHA-AM028S1-A2 Datasheet
586Kb / 4P
26-33 GHz Surface Mount Single Balanced Down Converter Mixer
AM038D1-00 ALPHA-AM038D1-00 Datasheet
168Kb / 2P
33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM038S1-00 ALPHA-AM038S1-00 Datasheet
88Kb / 2P
33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
logo
Hittite Microwave Corpo...
HMC329LM3 HITTITE-HMC329LM3 Datasheet
282Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
logo
Analog Devices
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com