Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM035N4-00 Datasheet (PDF) - Alpha Industries

AM035N4-00 Datasheet PDF - Alpha Industries
Part # AM035N4-00
Download  AM035N4-00 Download
File Size   57.02 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 32-37 GHz GaAs MMIC Ring Hybrid Mixer

AM035N4-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM035N4-00 Datasheet PDF - Alpha Industries

Part # AM035N4-00
Download  AM035N4-00 Click to download

File Size   57.02 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 32-37 GHz GaAs MMIC Ring Hybrid Mixer

AM035N4-00 Datasheet (HTML) - Alpha Industries


AM035N4-00 Product details

Description
Alpha’s ring hybrid GaAs Schottky diode mixer has a typical conversion loss of 6.0 dB at an LO power level as low as 9 dBm over the band 32–37 GHz. The chip uses Alpha’s proven Schottky diode technology, and is based upon MBE layers for the highest uniformity and repeatability. The diodes employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate an epoxy die attach process. All chips are screened for DC diode parameters and lot samples are RF measured to guarantee performance.

Features
■ Low Conversion Loss, 6.0 dB
■ Low LO Power Requirement, 9 dBm
■ High LO to RF Isolation, 28 dB
■ No DC Bias Required




Similar Part No. - AM035N4-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM035N5-00 ALPHA-AM035N5-00 Datasheet
56Kb / 2P
32-37 GHz GaAs MMIC Ring Hybrid Mixer
More results


Similar Description - AM035N4-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM035N5-00 ALPHA-AM035N5-00 Datasheet
56Kb / 2P
32-37 GHz GaAs MMIC Ring Hybrid Mixer
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC-C035 HITTITE-HMC-C035 Datasheet
291Kb / 6P
GaAs MMIC DOUBLE BALANCED MIXER MODULE, 23 - 37 GHz
HMC524LC3B HITTITE-HMC524LC3B Datasheet
197Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC329LC3B HITTITE-HMC329LC3B_09 Datasheet
188Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC524LC3B HITTITE-HMC524LC3B_09 Datasheet
215Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC1015 HITTITE-HMC1015 Datasheet
561Kb / 8P
GaAs MMIC Fundam ental Mixer, 26 - 32 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com