Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet (PDF) - NXP Semiconductors

BCP69 Datasheet PDF - NXP Semiconductors
Part # BCP69
Download  BCP69 Download
File Size   173.48 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN medium power transistor 20 V, 1 A

BCP69 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP69 Datasheet PDF - NXP Semiconductors

Part # BCP69
Download  BCP69 Click to download

File Size   173.48 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN medium power transistor 20 V, 1 A

BCP69 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
logo
Weitron Technology
BCP69 WEITRON-BCP69 Datasheet
208Kb / 4P
PNP Silicon Epitaxial Transistor
More results


Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 NXP-BCP69 Datasheet
94Kb / 13P
20 V, 1 A PNP medium power transistor
Rev. 06-2 December 2008
BC368 NXP-BC368 Datasheet
143Kb / 9P
NPN medium power transistor; 20 V, 1 A
2004 Nov 05
BC869 NXP-BC869 Datasheet
177Kb / 11P
PNP medium power transistor; 20 V, 1 A
2004 Nov 08
BCP68 NXP-BCP68 Datasheet
173Kb / 12P
NPN medium power transistor; 20 V, 1 A
2003 Nov 25
logo
Nexperia B.V. All right...
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BSR41 NEXPERIA-BSR41 Datasheet
218Kb / 8P
60 V, 1 A NPN medium power transistor
1 October 2022
BSR43 NEXPERIA-BSR43 Datasheet
219Kb / 8P
80 V, 1 A NPN medium power transistor
1 October 2022
BSR41-Q NEXPERIA-BSR41-Q Datasheet
188Kb / 8P
60 V, 1 A NPN medium power transistor
9 December 2021
BSR43-Q NEXPERIA-BSR43-Q Datasheet
188Kb / 8P
80 V, 1 A NPN medium power transistor
9 December 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com