Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BCP69
Description  NPN medium power transistor 20 V, 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BCP69 Datasheet HTML 2Page - NXP Semiconductors BCP69 Datasheet HTML 3Page - NXP Semiconductors BCP69 Datasheet HTML 4Page - NXP Semiconductors BCP69 Datasheet HTML 5Page - NXP Semiconductors BCP69 Datasheet HTML 6Page - NXP Semiconductors BCP69 Datasheet HTML 7Page - NXP Semiconductors BCP69 Datasheet HTML 8Page - NXP Semiconductors BCP69 Datasheet HTML 9Page - NXP Semiconductors BCP69 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2003 Nov 25
6
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
handbook, halfpage
MDB845
30 mm
20 mm
40 mm
32 mm
2.6 mm
1.3 mm
5 mm
1.6 mm
0.5 mm
3.96 mm
Fig.3 6 cm2 collector mounting pad.
Dimensions in mm.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 25 V; IE = 0
−
−
100
nA
VCB = 25 V; IE = 0; Tj = 150 °C
−
−
10
μA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0
−
−
100
nA
hFE
DC current gain
BCP68
VCE = 10 V; IC = 5 mA
50
−
−
VCE = 1 V; IC = 500 mA
85
−
375
VCE = 1 V; IC = 1 A
60
−
−
BCP68-25
VCE = 1 V; IC = 500 mA
160
−
375
VCEsat
collector-emitter saturation voltage IC = 1 A; IB = 100 mA
−
−
500
mV
VBE
base-emitter voltage
VCE = 10 V; IC = 5 mA
−
−
700
mV
VCE = 1 V; IC = 1 A
−
−
1
V
Cc
collector capacitance
VCB = 10 V; IE = ie = 0; f = 1 MHz
−
22
−
pF
fT
transition frequency
VCE = 5 V; IC = 50 mA; f = 100 MHz
40
170
−
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com