Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4350 Datasheet (PDF) - Monolithic Power Systems

MP4350 Datasheet PDF - Monolithic Power Systems
Part # MP4350
Download  MP4350 Download
File Size   455.52 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.5A, 4MHz, 20V Step-Down Converter

MP4350 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4350 Datasheet PDF - Monolithic Power Systems

Part # MP4350
Download  MP4350 Click to download

File Size   455.52 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.5A, 4MHz, 20V Step-Down Converter

MP4350 Datasheet (HTML) - Monolithic Power Systems


MP4350 Product details

DESCRIPTION
The MP4350 is a high frequency step-down switching regulator with an integrated internal high-side high voltage power MOSFET. It provides 2.5A output with current mode control for fast loop response and easy compensation.
The wide 4.5V to 20V input range accommodates a variety of step-down applications, including those in an automotive input environment. A 100µA operational quiescent current allows use in battery-powered applications.

FEATURES
• 100µA Quiescent Current
• Wide 4.5V to 20V Operating Input Range
• 150mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching Frequency
• Ceramic Capacitor Stable
• Internal Soft-Start
• Internal Set Current Limit without a Current Sensing Resistor
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 16V
• Available in a 10-Pin QFN (3mm x 3mm) Package

APPLICATIONS
• DSL Power
• Set Top Boxes
• Battery Powered Systems




Similar Part No. - MP4350

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4301 TOSHIBA-MP4301 Datasheet
154Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303 TOSHIBA-MP4303 Datasheet
255Kb / 5P
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
MP4303 TOSHIBA-MP4303 Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303 TOSHIBA-MP4303 Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303Q TOSHIBA-MP4303Q Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results


Similar Description - MP4350

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
2.5A, 4MHz, 42V Step-Down Converter
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
2.5A, 4MHz, 50V Step-Down Converter
MP2562 MPS-MP2562 Datasheet
617Kb / 20P
1A, 4MHz, 50V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Linear Technology
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com