Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV133-315 Datasheet (PDF) - Alpha Industries

AV133-315 Datasheet PDF - Alpha Industries
Part # AV133-315
Download  AV133-315 Download
File Size   250.71 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description HIP3??Variable Attenuator for UMTS Base Stations

AV133-315 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV133-315 Datasheet PDF - Alpha Industries

Part # AV133-315
Download  AV133-315 Click to download

File Size   250.71 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description HIP3??Variable Attenuator for UMTS Base Stations

AV133-315 Datasheet (HTML) - Alpha Industries


AV133-315 Product details

Description
The AV133-315 is a voltage controlled variable attenuator from Alpha’s series of HIP3™ components. It is specifically designed and specified for use as a wide dynamic range low distortion attenuator for UMTS base station applications centered at 2140 MHz. The AV133- 315 employs a monolithic quadrature hybrid and a pair of silicon PIN diodes to achieve the specified low distortion performance. It operates from 0–12 V at 1.6 mA typical control current at maximum attenuation.

Features
■ 23 dB Attenuation Range
■ 1.5 dB Insertion Loss, 1.5 SWR
■ 0–12 V Control Voltage
■ 43 dBm IP3
■ Small Footprint LGA Package
■ Designed for UMTS Base Stations




Similar Part No. - AV133-315

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV13001 AVICTEK-AV13001 Datasheet
28Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
AV13003 AVICTEK-AV13003 Datasheet
161Kb / 3P
TO-126 Triple Diffused NPN Transistor
AV13005 AVICTEK-AV13005 Datasheet
149Kb / 2P
TO-220 NPN SILICON POWER TRANSISTOR
AV13007 AVICTEK-AV13007 Datasheet
397Kb / 3P
TO-220 Plastic-Encapsulate Transistors
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
HIP3 Variable Attenuator for AMPS and GSM Base Stations
More results


Similar Description - AV133-315

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV101-12 ALPHA-AV101-12 Datasheet
814Kb / 3P
HIP3??Variable Attenuator 0.80.1.00 GHz
AV102-12 ALPHA-AV102-12 Datasheet
801Kb / 3P
HIP3??Variable Attenuator 1.70.2.00 GHz
AV113-12 ALPHA-AV113-12 Datasheet
801Kb / 3P
HIP3??Variable Attenuator 2.10-2.30 GHz
AV132-315 ALPHA-AV132-315 Datasheet
260Kb / 4P
HIP3??Variable Attenuator for DCS and PCS Base Stations
PS214-315 ALPHA-PS214-315 Datasheet
543Kb / 3P
LGA Packaged Phase Shifter for UMTS Base Stations
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
HIP3 Variable Attenuator for AMPS and GSM Base Stations
SKY12145-315 SKYWORKS-SKY12145-315 Datasheet
114Kb / 4P
HIP3??Variable Attenuator for UMTS Base Stations
SKY12144-315 SKYWORKS-SKY12144-315 Datasheet
119Kb / 5P
HIP3??Variable Attenuator for DCS and PCS Base Stations
SKY12143-315 SKYWORKS-SKY12143-315 Datasheet
118Kb / 5P
HIP3??Variable Attenuator for AMPS and GSM Base Stations
AV131-315 SKYWORKS-AV131-315_07 Datasheet
102Kb / 4P
HIP3??Variable Attenuator for AMPS and GSM Base Stations
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com