Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV141-321 Datasheet (PDF) - Alpha Industries

AV141-321 Datasheet PDF - Alpha Industries
Part # AV141-321
Download  AV141-321 Download
File Size   543.86 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz

AV141-321 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV141-321 Datasheet PDF - Alpha Industries

Part # AV141-321
Download  AV141-321 Click to download

File Size   543.86 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz

AV141-321 Datasheet (HTML) - Alpha Industries


AV141-321 Product details

Description
The AV141-321 is a GaAs IC PHEMT voltage variable attenuator that has been designed for WLAN applications. Operating from 2.7–4.0 GHz, the AV141-321 is ideal for low cost applications such as 3.5 GHz fixed wireless LAN power control applications.

Features
■ Power Control for 3.5 GHz Fixed Wireless Applications
■ Minimum 25 dB Attenuation
■ Positive 0.2–1.2 V Control Voltage
■ QFN-12 3 x 3 mm Package
■ Low Cost
■ No External Components Needed




Similar Part No. - AV141-321

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AV1416D APLUS-AV1416D Datasheet
249Kb / 9P
single-chip synthesizing CMOS VLSI
AV1416K APLUS-AV1416K Datasheet
364Kb / 10P
single-chip voice synthesizing CMOS IC
More results


Similar Description - AV141-321

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AF002N2-32 ALPHA-AF002N2-32 Datasheet
22Kb / 2P
GaAs IC 15 dB Voltage Variable Attenuator Single Control DC-2 GHz
AT002N5-00 ALPHA-AT002N5-00 Datasheet
134Kb / 2P
GaAs 50 dB IC Voltage Variable Dual Control Attenuator DC-3 GHz
AT002N5-01 ALPHA-AT002N5-01 Datasheet
40Kb / 2P
GaAs 50 dB IC Voltage Variable Dual Control Attenuator DC-3 GHz
AT002N5-11 ALPHA-AT002N5-11 Datasheet
46Kb / 2P
GaAs 50 dB IC Voltage Variable Dual Control Attenuator DC-3 GHz
AT002S3-11 ALPHA-AT002S3-11 Datasheet
32Kb / 2P
GaAs 35 dB IC Voltage Variable Single Control Attenuator 0.4-2.5 GHz
AT006N3-00 ALPHA-AT006N3-00 Datasheet
175Kb / 2P
GaAs 30 dB IC Voltage Variable Dual Control Attenuator DC-6 GHz
AT006N3-01 ALPHA-AT006N3-01 Datasheet
40Kb / 2P
GaAs 30 dB IC Voltage Variable Dual Control Attenuator DC-6 GHz
AV104-12 ALPHA-AV104-12 Datasheet
29Kb / 3P
GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
SKY12146-321 SKYWORKS-SKY12146-321 Datasheet
87Kb / 3P
GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz
SKY12146-321 SKYWORKS-SKY12146-321_07 Datasheet
233Kb / 4P
GaAs IC 25 dB Voltage Variable Attenuator 2.7-4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com