Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV850M2-A2 Datasheet (PDF) - Alpha Industries

AV850M2-A2 Datasheet PDF - Alpha Industries
Part # AV850M2-A2
Download  AV850M2-A2 Download
File Size   539.34 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 18-40 GHz Surface Mount Voltage Variable Attenuator

AV850M2-A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV850M2-A2 Datasheet PDF - Alpha Industries

Part # AV850M2-A2
Download  AV850M2-A2 Click to download

File Size   539.34 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 18-40 GHz Surface Mount Voltage Variable Attenuator

AV850M2-A2 Datasheet (HTML) - Alpha Industries


AV850M2-A2 Product details

Description
The AV850M2-A2 is a broadband millimeterwave voltage variable attenuator in a rugged surface mount package that is compatible with high-volume solder installation.The attenuator is designed for use in millimeterwave communication and sensor systems as a variable attenuation stage in the receiver or transmitter chain when wide dynamic range and high linearity are required. The robust ceramic surface mount package provides excellent electrical performance and a high degree of environmental protection for long-term reliability. All attenuators are screened at the operating frequencies prior to shipment for guaranteed performance. Attenuator is targeted for high-volume millimeterwave applications such as point-to-point and point-to-multipoint wireless communications systems. Control voltage VC2 sets the attenuation level while VC1 adjusts return loss for the part.

Features
■ Surface Mount Package
■ 30 dB Attenuation Range
■ +10 dBm P1 dB All Attenuation States
■ Low Insertion Loss
■ 100% RF and DC Testing




Similar Part No. - AV850M2-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
18-40 GHz GaAs MMIC Voltage Variable Attenuator
More results


Similar Description - AV850M2-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
18-50 GHz GaAs MMIC Voltage Variable Attenuator
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
18-40 GHz GaAs MMIC Voltage Variable Attenuator
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC346LC3B HITTITE-HMC346LC3B Datasheet
242Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6640 AVAGO-AMMP-6640 Datasheet
402Kb / 8P
DC-40 GHz Variable Attenuator
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC985ALP4KE AD-HMC985ALP4KE Datasheet
2Mb / 4P
GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 10 - 40 GHz
logo
Custom MMIC Design Serv...
CMD172 MMIC-CMD172 Datasheet
289Kb / 10P
18-40 GHz Voltage-Variable Attenuator
logo
Broadcom Corporation.
AMMP-6640 BOARDCOM-AMMP-6640 Datasheet
402Kb / 8P
DC-40 GHz Variable Attenuator
logo
Qorvo, Inc
CMD172 QORVO-CMD172 Datasheet
321Kb / 10P
18-40 GHz Voltage ??Variable Attenuator
May 21, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com