Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC985ALP4KE Datasheet (PDF) - Analog Devices

HMC985ALP4KE Datasheet PDF - Analog Devices
Part # HMC985ALP4KE
Download  HMC985ALP4KE Download
File Size   2107.28 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 10 - 40 GHz

HMC985ALP4KE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC985ALP4KE Datasheet PDF - Analog Devices

Part # HMC985ALP4KE
Download  HMC985ALP4KE Click to download

File Size   2107.28 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 10 - 40 GHz

HMC985ALP4KE Datasheet (HTML) - Analog Devices




Similar Part No. - HMC985ALP4KE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC985A AD-HMC985A Datasheet
835Kb / 10P
GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
More results


Similar Description - HMC985ALP4KE

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
18-50 GHz GaAs MMIC Voltage Variable Attenuator
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
18-40 GHz GaAs MMIC Voltage Variable Attenuator
logo
Hittite Microwave Corpo...
HMC121C8 HITTITE-HMC121C8 Datasheet
191Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 10 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC985 HITTITE-HMC985 Datasheet
926Kb / 10P
Gaas mmic voltage - variable attenuator, 20 - 50 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC985A AD-HMC985A Datasheet
835Kb / 10P
GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com