Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS094-315 Datasheet (PDF) - Alpha Industries

PS094-315 Datasheet PDF - Alpha Industries
Part # PS094-315
Download  PS094-315 Download
File Size   543.94 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description LGA Packaged Phase Shifter for GSM Base Stations

PS094-315 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS094-315 Datasheet PDF - Alpha Industries

Part # PS094-315
Download  PS094-315 Click to download

File Size   543.94 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description LGA Packaged Phase Shifter for GSM Base Stations

PS094-315 Datasheet (HTML) - Alpha Industries


PS094-315 Product details

Description
The PS094-315 is a voltage controlled phase shifter specifically designed for use in power amplifier distortion compensation circuits centered at 942.5 MHz in GSM band base stations. Its characteristics are specified in a 35 MHz bandwidth.The PS094-315 employs a monolithic quadrature hybrid and a pair of selected silicon varactor diodes to achieve 100 degree phase shift and low insertion loss.The PS094-315 is packaged in the small outline LGA (Land Grid Array) surface mount package with the internal elements affixed to an organic BT substrate.

Features
■ Designed for GSM 942.5 ± 17.5 MHz Band
■ 100 Degree Phase Shift Range
■ 1.5 Degree Phase Deviation
■ 0.3 dB Insertion Loss Deviation
■ 0–12 V Control Voltage Range
■ Specified 33 dBm IP3
■ Small Footprint LGA Package




Similar Part No. - PS094-315

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
PS094-315 SKYWORKS-PS094-315 Datasheet
381Kb / 4P
Voltage Controlled Phase Shifter 700-1200 MHz
More results


Similar Description - PS094-315

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PS184-315 ALPHA-PS184-315 Datasheet
544Kb / 3P
LGA Packaged Phase Shifter for DCS Base Stations
PS196-315 ALPHA-PS196-315 Datasheet
544Kb / 3P
LGA Packaged Phase Shifter for PCS Base Stations
PS214-315 ALPHA-PS214-315 Datasheet
543Kb / 3P
LGA Packaged Phase Shifter for UMTS Base Stations
logo
List of Unclassifed Man...
PS088-315 ETC1-PS088-315 Datasheet
254Kb / 3P
LGA Packaged Phase Shifter for AMPS Base Stations
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
HIP3 Variable Attenuator for AMPS and GSM Base Stations
SKY12143-315 SKYWORKS-SKY12143-315 Datasheet
118Kb / 5P
HIP3??Variable Attenuator for AMPS and GSM Base Stations
AV131-315 SKYWORKS-AV131-315_07 Datasheet
102Kb / 4P
HIP3??Variable Attenuator for AMPS and GSM Base Stations
logo
EPCOS
B5085 EPCOS-B5085 Datasheet
103Kb / 9P
SAW RF filter for Base Stations GSM 1800
logo
Vectron International, ...
VX-501-DUAL VECTRON-VX-501-DUAL Datasheet
148Kb / 6P
Base Stations
logo
TDK Electronics
B39192B5187U510 TDK-B39192B5187U510 Datasheet
259Kb / 14P
SAW diplexer for base stations
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com