Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS184-315 Datasheet (PDF) - Alpha Industries

PS184-315 Datasheet PDF - Alpha Industries
Part # PS184-315
Download  PS184-315 Download
File Size   544.33 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description LGA Packaged Phase Shifter for DCS Base Stations

PS184-315 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS184-315 Datasheet PDF - Alpha Industries

Part # PS184-315
Download  PS184-315 Click to download

File Size   544.33 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description LGA Packaged Phase Shifter for DCS Base Stations

PS184-315 Datasheet (HTML) - Alpha Industries


PS184-315 Product details

Description
The PS184-315 is a voltage controlled phase shifter specifically designed for use in power amplifier distortion compensation circuits centered at 1837.5 MHz in DCS band base stations. Its characteristics are specified in a 70 MHz bandwidth.The PS184-315 employs a monolithic quadrature hybrid and a pair of selected silicon varactor diodes to achieve 100 degree phase shift and low insertion loss.The PS184-315 is packaged in the small outline LGA (Land Grid Array) surface mount package with the internal elements affixed to an organic BT substrate.

Features
■ Designed for DCS 1837.5 ± 32.5 MHz Band
■ 100 Degree Phase Shift Range
■ 1.5 Degree Phase Deviation
■ 0.3 dB Insertion Loss Deviation
■ 0–12 V Control Voltage Range
■ Specified 33 dBm IP3
■ Small Footprint LGA Package




Similar Part No. - PS184-315

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PS18 PANDUIT-PS18 Datasheet
37Kb / 1P
NON-INSULATED PARALLEL SPLICE
logo
GOOD-ARK Electronics
PS18 GOOD-ARK-PS18 Datasheet
449Kb / 4P
Surface Mount Schottky Rectifier
logo
PANDUIT CORP.
PS18-C PANDUIT-PS18-C Datasheet
37Kb / 1P
NON-INSULATED PARALLEL SPLICE
logo
KODENSHI_AUK CORP.
PS181EL1-S KODENSHI-PS181EL1-S Datasheet
178Kb / 2P
Exterior light endure by phase-modulation
PS181FL1-M KODENSHI-PS181FL1-M Datasheet
128Kb / 2P
High speed responsibility 1ms
More results


Similar Description - PS184-315

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV132-315 ALPHA-AV132-315 Datasheet
260Kb / 4P
HIP3??Variable Attenuator for DCS and PCS Base Stations
PS094-315 ALPHA-PS094-315 Datasheet
543Kb / 3P
LGA Packaged Phase Shifter for GSM Base Stations
PS196-315 ALPHA-PS196-315 Datasheet
544Kb / 3P
LGA Packaged Phase Shifter for PCS Base Stations
PS214-315 ALPHA-PS214-315 Datasheet
543Kb / 3P
LGA Packaged Phase Shifter for UMTS Base Stations
logo
List of Unclassifed Man...
PS088-315 ETC1-PS088-315 Datasheet
254Kb / 3P
LGA Packaged Phase Shifter for AMPS Base Stations
logo
Skyworks Solutions Inc.
SKY12144-315 SKYWORKS-SKY12144-315 Datasheet
119Kb / 5P
HIP3??Variable Attenuator for DCS and PCS Base Stations
logo
Vectron International, ...
VX-501-DUAL VECTRON-VX-501-DUAL Datasheet
148Kb / 6P
Base Stations
logo
TDK Electronics
B39182B4182U410 TDK-B39182B4182U410 Datasheet
127Kb / 9P
SAW RF filter for base stations
B39191B5260H810 TDK-B39191B5260H810 Datasheet
80Kb / 7P
SAW IF filter for base stations
B39192B5187U510 TDK-B39192B5187U510 Datasheet
259Kb / 14P
SAW diplexer for base stations
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com