Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP1352 Datasheet (PDF) - Alpha Industries

SMP1352 Datasheet PDF - Alpha Industries
Part # SMP1352
Download  SMP1352 Download
File Size   287.18 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description Large Signal Switching Plastic Packaged PIN Diodes

SMP1352 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP1352 Datasheet PDF - Alpha Industries

Part # SMP1352
Download  SMP1352 Click to download

File Size   287.18 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description Large Signal Switching Plastic Packaged PIN Diodes

SMP1352 Datasheet (HTML) - Alpha Industries


SMP1352 Product details

Description
The SMP1352 series of plastic packaged, surface mountable, low capacitance (0.3 pF) silicon PIN diodes are designed for large signal switch applications from 10 MHz to beyond 2 GHz. These diodes have a reverse voltage rating of 200 V and are designed for use in low distortion switches that are required to hold off large RF voltages.The nominal 50 µm I region width, combined with the typical 1.5 µS carrier lifetime, results in a PIN diode with low forward resistance and low distortion characteristics.

Features
■ Designed for Large Signal Switches
■ Frequency Range from HF to > 2 GHz
■ Base Station and Handset Applications
■ Industry Standard Surface Mount Packages
■ Designed for High Volume Applications
■ Available in Tape and Reel Packaging




Similar Part No. - SMP1352

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1352 SKYWORKS-SMP1352 Datasheet
182Kb / 4P
Large Signal Switching, Plastic Packaged PIN Diodes
SMP1352 SKYWORKS-SMP1352_15 Datasheet
863Kb / 9P
Large Signal Switching, Plastic Packaged PIN Diodes
More results


Similar Description - SMP1352

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
Low Capacitance Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
Low Resistance, Plastic Packaged PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1352 SKYWORKS-SMP1352 Datasheet
182Kb / 4P
Large Signal Switching, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
Low Capacitance, Plastic Packaged PIN Diodes
SMP1340 SKYWORKS-SMP1340_15 Datasheet
744Kb / 8P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1352 SKYWORKS-SMP1352_15 Datasheet
863Kb / 9P
Large Signal Switching, Plastic Packaged PIN Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com