Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8074 Datasheet (PDF) - Analog Devices

AD8074 Datasheet PDF - Analog Devices
Part # AD8074
Download  AD8074 Download
File Size   755.39 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 MHz, G = 1 and 2 Triple Video Buffers with Disable

AD8074 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8074 Datasheet PDF - Analog Devices

Part # AD8074
Download  AD8074 Click to download

File Size   755.39 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 MHz, G = 1 and 2 Triple Video Buffers with Disable

AD8074 Datasheet (HTML) - Analog Devices


AD8074 Product details

PRODUCT DESCRIPTION
The AD8074/AD8075 are high-speed triple video buffers with G = +1 and +2 respectively. They have a –3 dB full signal bandwidth in excess of 450 MHz, along with slew rates in excess of 1400 V/µs. With better than –80 dB of all hostile crosstalk and 90 dB isolation, they are useful in many high-speed applications. The differential gain and differential phase error are 0.01% and 0.01°. Gain flatness of 0.1 dB up to 50 MHz makes the AD8074/AD8075 ideal for RGB buffering or driving. They consume less than 30 mA on a ± 5 V supply.

FEATURES
    Dual Supply ±5 V
    High-Speed Fully Buffered Inputs and Outputs
        600 MHz Bandwidth (–3 dB) 200 mV p-p
        500 MHz Bandwidth (–3 dB) 2 V p-p
        1600 V/μs Slew Rate, G = +1
        1350 V/μs Slew Rate, G = +2
    Fast Settling Time: 4 ns
    Low Supply Current: <30 mA
    Excellent Video Specifications (RL = 150 Ω):
        Gain Flatness of 0.1 dB to 50 MHz
        0.01% Differential Gain Error
        0.01° Differential Phase Error
    “All Hostile“ Crosstalk
        –80 dB @ 10 MHz
        –50 dB @ 100 MHz
    High “OFF” Isolation of 90 dB @ 10 MHz
    Low Cost
    Fast Output Disable Feature

APPLICATIONS
    RGB Buffer in LCD and Plasma Displays
    RGB Driver
    Video Routers




Similar Part No. - AD8074

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8074 AD-AD8074 Datasheet
306Kb / 16P
500 MHz, G = -1 and 2 Triple Video Buffers with Disable
AD8074 AD-AD8074 Datasheet
754Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
Rev. B
AD8074-EVAL AD-AD8074-EVAL Datasheet
306Kb / 16P
500 MHz, G = -1 and 2 Triple Video Buffers with Disable
AD8074ARU AD-AD8074ARU Datasheet
306Kb / 16P
500 MHz, G = -1 and 2 Triple Video Buffers with Disable
AD8074ARU AD-AD8074ARU Datasheet
754Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
Rev. B
More results


Similar Description - AD8074

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8074 AD-AD8074 Datasheet
306Kb / 16P
500 MHz, G = -1 and 2 Triple Video Buffers with Disable
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
Triple 80 MHz Video Amplifier w/Disable
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
Triple 80MHz Video Amplifier w/Disable
January 1996
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Analog Devices
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
logo
Texas Instruments
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Analog Devices
AD8074 AD-AD8074_15 Datasheet
755Kb / 15P
Video Buffers with Disable
Rev. B
AD8075 AD-AD8075_15 Datasheet
755Kb / 15P
Video Buffers with Disable
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com