Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8074 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8074
Description  500 MHz, G = 1 and 2 Triple Video Buffers with Disable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8074 Datasheet(HTML) 2 Page - Analog Devices

  AD8074 Datasheet HTML 1Page - Analog Devices AD8074 Datasheet HTML 2Page - Analog Devices AD8074 Datasheet HTML 3Page - Analog Devices AD8074 Datasheet HTML 4Page - Analog Devices AD8074 Datasheet HTML 5Page - Analog Devices AD8074 Datasheet HTML 6Page - Analog Devices AD8074 Datasheet HTML 7Page - Analog Devices AD8074 Datasheet HTML 8Page - Analog Devices AD8074 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
AD8074/AD8075–SPECIFICATIONS (T
A = 25 C, VS =
5 V, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth (Small Signal)
VIN = 200 mV p-p, CL = 5 pF
330/310
600/550
MHz
VIN = 200 mV p-p, RL = 150
Ω
250/230
400/400
MHz
–3 dB Bandwidth (Large Signal)
VIN = 2 V p-p, CL = 5 pF
330/300
500/500
MHz
VIN = 2 V p-p, RL = 150
Ω
250/230
350/350
MHz
0.1 dB Bandwidth
VIN = 200 mV p-p, CL = 5 pF
70/65
MHz
VIN = 200 mV p-p, RL = 150
Ω
70/65
MHz
Slew Rate
2 V Step, RL = 1 k
Ω/150 Ω
1600/1350
V/
µs
Settling Time to 0.1%
2 V Step, RL = 1 k
Ω/150 Ω
4/7.5
ns
NOISE/DISTORTION PERFORMANCE
Differential Gain
V = 3.58 MHz, 150
Ω
0.01
%
Differential Phase
V = 3.58 MHz, 150
Ω
0.01
Degrees
All Hostile Crosstalk
V = 10 MHz, RL = 1 k
Ω
–80/–74
dB
V = 100 MHz, RL = 1 k
Ω
–50/–44
dB
OFF Isolation
V = 10 MHz, RL = 150
Ω
90
dB
Voltage Noise
V = 10 kHz to 100 MHz
19.5/22
nV/
√Hz
DC PERFORMANCE
Voltage Gain Error
No Load
±0.1/±0.2 ±0.15/±0.65 %
Input Offset Voltage
2.5
27/40
mV
TMIN to TMAX
3mV
Input Offset Drift
10
µV/°C
Input Bias Current
5
9.5/10
µA
INPUT CHARACTERISTICS
Input Resistance
10
M
Ω
Input Capacitance
Channel Enabled
1.5
pF
Channel Disabled
1.5
pF
Input Voltage Range
±2.8/±1.4
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 k
Ω
+VS – 1.95
+VS – 1.8
V
–VS + 2.1
–VS + 1.8
V
RL = 150
Ω
+VS – 2.35
+VS – 2.2
V
–VS + 2.30
–VS + 2.2
V
Short Circuit Current (Protected)
70
mA
Output Resistance
Enabled
0.5
Ω
Disabled
3.5
7.5
M
Ω
Output Capacitance
Disabled
2.2
pF
POWER SUPPLY
Operating Range
±4.5
±5.5
V
Power Supply Rejection Ratio
+PSRR: +VS = +4.5 V to +5.5 V, –VS = –5 V
60
74
dB
–PSRR: –VS = –4.5 V to –5.5 V, +VS = +5 V
56
64
dB
Quiescent Current
All Channels “ON”
21.5/24
30
mA
All Channels “OFF”
3/4
5.5
mA
TMIN to TMAX
23/26
mA
DIGITAL INPUT
Logic “1” Voltage
OE Input
2.0
V
Logic “0” Voltage
OE Input
0.8
V
Logic “1” Input Current
OE = 4 V
100
nA
Logic “0” Input Current
OE = 0.4 V
1
µA
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (Still Air)
–40
+85
°C
θ
JA
Operating (Still Air)
150.4
°C/W
θ
JC
Operating
27.6
°C/W
Specifications subject to change without notice.
Rev. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com