Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC426EOA Datasheet (PDF) - Microchip Technology

TC426EOA Datasheet PDF - Microchip Technology
Part # TC426EOA
Download  TC426EOA Download
File Size   528.62 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A Dual High-Speed Power MOSFET Drivers

TC426EOA Datasheet (PDF)

Go To PDF Page Download Datasheet
TC426EOA Datasheet PDF - Microchip Technology

Part # TC426EOA
Download  TC426EOA Click to download

File Size   528.62 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A Dual High-Speed Power MOSFET Drivers

TC426EOA Datasheet (HTML) - Microchip Technology


TC426EOA Product details

General Description

The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage level swing. The CMOS output is within 25mV of ground or positive supply.



Features

• High-Speed Switching (CL= 1000pF): 30nsec

• High Peak Output Current: 1.5A

• High Output Voltage Swing

    -VDD-25mV

    - GND +25mV

• Low Input Current (Logic "0" or "1"): 1µA

• TTL/CMOS Input Compatible

• Available in Inverting and Noninverting

Configurations

• Wide Operating Supply Voltage

    - 4.5V to 18V

• Current Consumption

    - Inputs Low – 0.4mA

    - Inputs High – 8mA

• Single Supply Operation

• Low Output Impedance: 6Ω

• Pinout Equivalent of DS0026 and MMH0026

• Latch-Up Resistant: Withstands > 500mA Reverse Current

• ESD Protected: 2kV

Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Clock Line Driver
• Coax Cable Driver




Similar Part No. - TC426EOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426EOA TELCOM-TC426EOA Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC426EOA MICROCHIP-TC426EOA Datasheet
461Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2002
TC426EOA MICROCHIP-TC426EOA Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results


Similar Description - TC426EOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4426A TELCOM-TC4426A Datasheet
64Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426AM MICROCHIP-TC4426AM_05 Datasheet
190Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2005
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com