Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7722AS Datasheet (PDF) - Analog Devices

AD7722AS Datasheet PDF - Analog Devices
Part # AD7722AS
Download  AD7722AS Download
File Size   386.28 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 195 kSPS CMOS,-ADC

AD7722AS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7722AS Datasheet PDF - Analog Devices

Part # AD7722AS
Download  AD7722AS Click to download

File Size   386.28 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 195 kSPS CMOS,-ADC

AD7722AS Datasheet (HTML) - Analog Devices


AD7722AS Product details

GENERAL DESCRIPTION
The AD7722 is a complete low power, 16-bit, Σ-∆ ADC. The part operates from a 5 V supply and accepts a differential input voltage range of 0 V to +2.5 V or ±1.25 V centered around a common-mode bias. The AD7722 provides 16-bit performance for input bandwidths up to 90.625 kHz. The part provides data at an output word rate of 195.3 kHz.

FEATURES
   16-Bit Σ-Δ ADC
      64x Oversampling Ratio
      Up to 220 kSPS Output Word Rate
      Low-Pass, Linear Phase Digital Filter
   Inherently Monotonic
   On-Chip 2.5 V Voltage Reference
   Single-Supply 5 V
   High Speed Parallel or Serial Interface




Similar Part No. - AD7722AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722AS AD-AD7722AS Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7722AS AD-AD7722AS Datasheet
452Kb / 24P
16-Bit, 195 kSPS CMOS
REV. B
logo
List of Unclassifed Man...
AD7722AS ETC2-AD7722AS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Analog Devices
AD7722ASZ AD-AD7722ASZ Datasheet
452Kb / 24P
16-Bit, 195 kSPS CMOS
REV. B
More results


Similar Description - AD7722AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7665 AD-AD7665 Datasheet
348Kb / 24P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7722ASZ AD-AD7722ASZ Datasheet
452Kb / 24P
16-Bit, 195 kSPS CMOS
REV. B
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7722 AD-AD7722_15 Datasheet
452Kb / 24P
16-Bit, 195 kSPS
REV. B
AD7663 AD-AD7663 Datasheet
477Kb / 25P
16-Bit, 250 kSPS CMOS ADC
23-Feb-2017
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
16-Bit, 570 kSPS CMOS ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com