Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C020 Datasheet (PDF) - Advanced Micro Devices

27C020 Datasheet PDF - Advanced Micro Devices
Part # 27C020
Download  27C020 Download
File Size   172.74 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 Megabit (256 K x 8-Bit) CMOS EPROM

27C020 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C020 Datasheet PDF - Advanced Micro Devices

Part # 27C020
Download  27C020 Click to download

File Size   172.74 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 Megabit (256 K x 8-Bit) CMOS EPROM

27C020 Datasheet (HTML) - Advanced Micro Devices


27C020 Product details

GENERAL DESCRIPTION
The Am27C020 is a 2 Megabit, ultraviolet erasable programmable read-only memory. It is organized as 256 Kwords by 8 bits per word, operates from a single +5 V supply, has a static standby mode, and features fast single address location programming. Products are available in windowed ceramic DIP packages, as well as plastic one time programmable (OTP) PDIP and PLCC packages.

DISTINCTIVE CHARACTERISTICS
■ Fast access time
    — Speed options as fast as 55 ns
■ Low power consumption
    — 100 µA maximum CMOS standby current
■ JEDEC-approved pinout
    — Plug in upgrade of 1 Mbit EPROM
    — Easy upgrade from 28-pin JEDEC EPROMs
■ Single +5 V power supply
■ ±10% power supply tolerance standard
■ 100% Flashrite™ programming
    — Typical programming time of 32 seconds
■ Latch-up protected to 100 mA from –1 V to VCC + 1 V
■ High noise immunity
■ Compact 32-pin DIP, PDIP, and PLCC packages




Similar Part No. - 27C020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
27C020 ATMEL-27C020 Datasheet
170Kb / 9P
2-Megabit 256K x 8 OTP EPROM
More results


Similar Description - 27C020

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27X020 AMD-AM27X020 Datasheet
136Kb / 10P
2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com