Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C020 Datasheet (PDF) - ATMEL Corporation

27C020 Datasheet PDF - ATMEL Corporation
Part # 27C020
Download  27C020 Download
File Size   170.78 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 OTP EPROM

27C020 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C020 Datasheet PDF - ATMEL Corporation

Part # 27C020
Download  27C020 Click to download

File Size   170.78 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 OTP EPROM

27C020 Datasheet (HTML) - ATMEL Corporation


27C020 Product details

Description

The AT27C020 is a low-power, high-performance, 2,097,152-bit, one-time programmable read-only memory (OTP EPROM) organized as 256K by 8 bits. It requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 55 ns, eliminating the need for speed-reducing WAIT states on high performance microprocessor systems. In read mode, the AT27C020 typically consumes 8 mA. Standby mode supply current is typically less than 10 µA.



Features

• Fast Read Access Time – 55 ns

• Low-power CMOS Operation

    – 100 µA Max Standby

    – 25 mA Max Active at 5 MHz

• JEDEC Standard Packages

    – 32-lead PDIP

    – 32-lead PLCC

    – 32-lead TSOP

• 5V ± 10% Supply

• High-reliability CMOS Technology

    – 2,000V ESD Protection

    – 200 mA Latch-up Immunity

• Rapid Programming Algorithm – 100 µs/Byte (Typical)

• CMOS- and TTL-compatible Inputs and Outputs

• Integrated Product Identification Code

• Industrial and Automotive Temperature Ranges

• Green (Pb/Halide-free) Packaging Option




Similar Part No. - 27C020

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
27C020 AMD-27C020 Datasheet
172Kb / 12P
2 Megabit (256 K x 8-Bit) CMOS EPROM
More results


Similar Description - 27C020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
4-Megabit 256K x 16 OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
256K (32K x 8) OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
4-Megabit (256K x 16) OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
2-megabit (256K x 8) OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
256K X 8 OTP CMOS EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com