Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27BV020 Datasheet (PDF) - ATMEL Corporation

AT27BV020 Datasheet PDF - ATMEL Corporation
Part # AT27BV020
Download  AT27BV020 Download
File Size   215.5 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM

AT27BV020 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27BV020 Datasheet PDF - ATMEL Corporation

Part # AT27BV020
Download  AT27BV020 Click to download

File Size   215.5 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM

AT27BV020 Datasheet (HTML) - ATMEL Corporation


AT27BV020 Product details

Description
The AT27BV020 is a high-performance, low-power, low-voltage 2,097,152-bit one-time programmable read only memory (OTP EPROM) organized as 256K by 8 bits. It requires only one supply in the range of 2.7 to 3.6V in normal read mode operation, making it ideal for fast, portable systems using either regulated or unregulated battery power.
Atmel’s innovative design techniques provide fast speeds that rival 5V parts while keeping the low power consumption of a 3V supply. At VCC = 2.7V, any byte can be accessed in less than 90 ns. With a typical power dissipation of only 18 mW at 5 MHz and VCC = 3V, the AT27BV020 consumes less than one fifth the power of a standard 5V EPROM. Standby mode supply current is typically less than 1 µA at 3V. The AT27BV020 simplifies system design and stretches battery lifetime even further by eliminating the need for power supply regulation.
The AT27BV020 is available in industry standard JEDEC approved one-time programmable (OTP) plastic PLCC, TSOP and VSOP packages, as well as a 42-ball, 1 mm pitch, plastic chip-scale Ball Grid Array package (CBGA). All devices feature two-line control (CE, OE) to give design ers the flexibility to prevent bus contention.
The AT27BV020 operating with VCC at 3.0V produces TTL level outputs that are compatible with standard TTL logic devices operating at VCC = 5.0V. At VCC = 2.7V, the part is compatible with JEDEC approved low voltage battery operation (LVBO) interface specifications. The device is also capable of standard 5-volt operation making it ideally suited for dual supply range systems or card products that are pluggable in both 3-volt and 5-volt hosts.

Features
• Fast Read Access Time - 90 ns
• Dual Voltage Range Operation
   – Unregulated Battery Power Supply Range, 2.7V to 3.6V
      or Standard 5V ± 10% Supply Range
• Compatible with JEDEC Standard AT27C020
• Low Power CMOS Operation
   – 20 µA max. (less than 1 µA typical) Standby for VCC = 3.6V
   – 29 mW max. Active at 5 MHz for VCC = 3.6V
• Wide Selection of JEDEC Standard Packages
   – 32-Lead PLCC
   – 32-Lead TSOP (8 x 20mm)
   – 32-Lead VSOP (8 x 14mm)
   – 42-Ball CBGA (8 x 8mm)
• High Reliability CMOS Technology
   – 2,000V ESD Protection
   – 200 mA Latchup Immunity
• Rapid™ Programming Algorithm - 100 µs/byte (typical)
• CMOS and TTL Compatible Inputs and Outputs
   – JEDEC Standard for LVTTL and LVBO
• Integrated Product Identification Code
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT27BV020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV020 ATMEL-AT27BV020 Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90JI ATMEL-AT27BV020-90JI Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90JU ATMEL-AT27BV020-90JU Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TI ATMEL-AT27BV020-90TI Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TU ATMEL-AT27BV020-90TU Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results


Similar Description - AT27BV020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV256 ATMEL-AT27BV256 Datasheet
253Kb / 9P
256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
2-Megabit 256K x 8 OTP EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
2-megabit (256K x 8) OTP EPROM
AT27BV256 ATMEL-AT27BV256_07 Datasheet
420Kb / 15P
256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com