Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27BV040 Datasheet (PDF) - ATMEL Corporation

AT27BV040 Datasheet PDF - ATMEL Corporation
Part # AT27BV040
Download  AT27BV040 Download
File Size   205.83 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM

AT27BV040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27BV040 Datasheet PDF - ATMEL Corporation

Part # AT27BV040
Download  AT27BV040 Click to download

File Size   205.83 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM

AT27BV040 Datasheet (HTML) - ATMEL Corporation


AT27BV040 Product details

Description
The AT27BV040 chip is a high performance, low power, low voltage, 4,194,304-bit one-time programmable read only memory (EPROM) organized as 512K by 8 bits. It requires only one supply in the range of 2.7 to 3.6V in normal read mode operation, making it ideal for fast, portable systems using either regulated or unregulated battery power.

Features
• Fast Read Access Time - 120 ns
• Dual Voltage Range Operation
   – Unregulated Battery Power Supply Range, 2.7V to 3.6V or Standard 5V ± 10% Supply Range
• Compatible with JEDEC Standard AT27C040
• Low Power CMOS Operation
   – 20 µA max. (less than 1 µA typical) Standby for VCC = 3.6V
   – 36 mW max. Active at 5 MHz for VCC = 3.6V
• JEDEC Standard Packages
   – 32-Lead PLCC
   – 32-Lead TSOP (8 x 20 mm)
   – 32-Lead VSOP (8 x 14 mm)
• High Reliability CMOS Technology
   – 2,000V ESD Protection
   – 200 mA Latchup Immunity
• Rapid™ Programming Algorithm - 100 µs/byte (typical)
• CMOS and TTL Compatible Inputs and Outputs
   – JEDEC Standard for LVTTL and LVBO
• Integrated Product Identification Code
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT27BV040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV040-12JI ATMEL-AT27BV040-12JI Datasheet
374Kb / 15P
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV040-12TI ATMEL-AT27BV040-12TI Datasheet
374Kb / 15P
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV040-12VI ATMEL-AT27BV040-12VI Datasheet
374Kb / 15P
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV040 ATMEL-AT27BV040_14 Datasheet
852Kb / 13P
Dual voltage range operation
More results


Similar Description - AT27BV040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV800 ATMEL-AT27BV800 Datasheet
260Kb / 11P
8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com