Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27BV800 Datasheet (PDF) - ATMEL Corporation

AT27BV800 Datasheet PDF - ATMEL Corporation
Part # AT27BV800
Download  AT27BV800 Download
File Size   260.95 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM

AT27BV800 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27BV800 Datasheet PDF - ATMEL Corporation

Part # AT27BV800
Download  AT27BV800 Click to download

File Size   260.95 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM

AT27BV800 Datasheet (HTML) - ATMEL Corporation


AT27BV800 Product details

Description
The AT27BV800 is a high performance low-power, low-voltage 8,388,608-bit one time programmable read only memory (OTP EPROM) organized as either 512K by 16 or 1024K by 8 bits. It requires only one supply in the range of 2.7 to 3.6V in normal read mode operation. The x16 organization makes this part ideal for portable and hand held 16- and 32-bit microprocessor based systems using either regulated or unregulated battery power.

Features
• Read Access Time - 120 ns
• Word-wide or Byte-wide Configurable
• Dual Voltage Range Operation
    – Unregulated Battery Power Supply Range, 2.7V to 3.6V or Standard 5V ± 10% Supply Range
• 8-Megabit Flash and Mask ROM Compatable
• Low Power CMOS Operation
    – 20 µA Maximum Standby
    – 10 mA Max. Active at 5 MHz for VCC = 3.6V
• JEDEC Standard Packages
    – 44-Lead PLCC
    – 44-Lead SOIC (SOP)
    – 48-Lead TSOP (12 mm x 20 mm)
• High Reliability CMOS Technology
    – 2,000 ESD Protection
    – 200 mA Latchup Immunity
• Rapid™ Programming Algorithm - 50 µs/word (typical)
• CMOS and TTL Compatible Inputs and Outputs
    – JEDEC Standard for LVTTL and LVBO
• Integrated Product Identification Code
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT27BV800

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
378Kb / 15P
1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV010-12JC ATMEL-AT27BV010-12JC Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-12JI ATMEL-AT27BV010-12JI Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-12TC ATMEL-AT27BV010-12TC Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
More results


Similar Description - AT27BV800

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27C800 ATMEL-AT27C800 Datasheet
177Kb / 10P
8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com