Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C800 Datasheet (PDF) - ATMEL Corporation

AT27C800 Datasheet PDF - ATMEL Corporation
Part # AT27C800
Download  AT27C800 Download
File Size   177.55 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM

AT27C800 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C800 Datasheet PDF - ATMEL Corporation

Part # AT27C800
Download  AT27C800 Click to download

File Size   177.55 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM

AT27C800 Datasheet (HTML) - ATMEL Corporation


AT27C800 Product details

Description

The AT27C800 is a low-power, high performance 8,388,608-bit UV erasable program mable read only memory (EPROM) organized as either 512K by 16 or 1024K by 8 bits. It requires a single 5V power supply in normal read mode operation. Any word can be accessed in less than 100 ns, eliminating the need for speed-reducing WAIT states. The x16 organization makes this part ideal for high-performance 16- and 32-bit microprocessor systems.



Features

• Read Access Time - 100 ns

• Word-wide or Byte-wide Configurable

• 8-Megabit Flash and Mask ROM Compatable

• Low Power CMOS Operation

-100 µA Maximum Standby

- 50 mA Maximum Active at 5 MHz

• Wide Selection of JEDEC Standard Packages

- 42-Lead 600 mil Cerdip and PDIP

- 44-Lead SOIC (SOP)

- 48-Lead TSOP (12 mm x 20 mm)

• 5V ±10% Power Supply

• High Reliability CMOS Technology

- 2,000 ESD Protection

- 200 mA Latchup Immunity

• Rapid™ Programming Algorithm - 50 µs/word (typical)

• CMOS and TTL Compatible Inputs and Outputs

• Integrated Product Identification Code

• Commercial and Industrial Temperature Ranges




Similar Part No. - AT27C800

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010 ATMEL-AT27C010 Datasheet
343Kb / 14P
1-Megabit (128K x 8) OTP EPROM
AT27C010-12 ATMEL-AT27C010-12 Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JC ATMEL-AT27C010-12JC Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JI ATMEL-AT27C010-12JI Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
More results


Similar Description - AT27C800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
NMOS 512K 64K x 8 UV EPROM
Nov-2000
logo
Winbond
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27BV800 ATMEL-AT27BV800 Datasheet
260Kb / 11P
8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
8 Mbit (1024K x 8/512K x 16) nvSRAM
logo
ATMEL Corporation
97314 ATMEL-97314 Datasheet
306Kb / 14P
4-Megabit (512K x 8) otp eprom
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com