Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet (PDF) - Advanced Micro Devices

AM79C940 Datasheet PDF - Advanced Micro Devices
Part # AM79C940
Download  AM79C940 Download
File Size   914.99 Kbytes
Page   122 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Media Access Controller for Ethernet (MACE)

AM79C940 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C940 Datasheet PDF - Advanced Micro Devices

Part # AM79C940
Download  AM79C940 Click to download

File Size   914.99 Kbytes
Page   122 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Media Access Controller for Ethernet (MACE)

AM79C940 Datasheet (HTML) - Advanced Micro Devices


AM79C940 Product details

GENERAL DESCRIPTION

The Media Access Controller for Ethernet (MACE) chip is a CMOS VLSI device designed to provide flexibility in customized LAN design. The MACE device is specifically designed to address applications where multiple I/O peripherals are present, and a centralized or system specific DMA is required. The high speed, 16-bit synchronous system interface is optimized for an external DMA or I/O processor system, and is similar to many existing peripheral devices, such as SCSI and serial link controllers.

The MACE device is a slave register based peripheral. All transfers to and from the system are performed using simple memory or I/O read and write commands. In conjunction with a user defined DMA engine, the MACE chip provides an IEEE 802.3 interface tailored to a specific application. Its superior modular architecture and versatile system interface allow the MACE device to be configured as a stand-alone device or as a connectivity cell incorporated into a larger, integrated system.



DISTINCTIVE CHARACTERISTICS

■ Integrated Controller with Manchester encoder/decoder and 10BASE-T transceiver and AUI port

■ Supports IEEE 802.3/ANSI 8802-3 and Ethernet standards

■ 84-pin PLCC and 100-pin PQFP Packages

■ 80-pin Thin Quad Flat Pack (TQFP) package available for space critical applications such as PCMCIA

■ Modular architecture allows easy tuning to specific applications

■ High speed, 16-bit synchronous host system interface with 2 or 3 cycles/transfer

■ Individual transmit (136 byte) and receive (128 byte) FlFOs provide increase of system latency and support the following features:

   — Automatic retransmission with no FIFO reload

   — Automatic receive stripping and transmit padding (individually programmable)

   — Automatic runt packet rejection

   — Automatic deletion of collision frames

   — Automatic retransmission with no FIFO reload

■ Direct slave access to all on board configuration/status registers and transmit/ receive FlFOs

■ Direct FIFO read/write access for simple interface to DMA controllers or l/O processors

■ Arbitrary byte alignment and little/big endian memory interface supported

■ Internal/external loopback capabilities

■ External Address Detection Interface (EADI™) for external hardware address filtering in bridge/router applications

■ JTAG Boundary Scan (IEEE 1149.1) test access port interface for board level production test

■ Integrated Manchester Encoder/Decoder

■ Digital Attachment Interface (DAI™) allows by-passing of differential Attachment Unit Interface (AUI)

■ Supports the following types of network interface:

   — AUI to external 10BASE2, 10BASE5 or 10BASE-F MAU

   — DAI port to external 10BASE2, 10BASE5, 10BASE-T, 10BASE-F MAU

   — General Purpose Serial Interface (GPSI) to external encoding/decoding scheme

   — Internal 10BASE-T transceiver with automatic selection of 10BASE-T or AUI port

■ Sleep mode allows reduced power consumption for critical battery powered applications

■ 5 MHz-25 MHz system clock speed

■ Support for operation in industrial temperature range (–40°C to +85°C) available in all three packages



 




Similar Part No. - AM79C940

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
1Mb / 144P
Media Access Controller for Ethernet (MACE??
logo
Pulse A Technitrol Comp...
AM79C940 PULSE-AM79C940 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Rochester Electronics
Am79C940B-16JC ROCHESTER-Am79C940B-16JC Datasheet
630Kb / 13P
Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940B-25JC ROCHESTER-Am79C940B-25JC Datasheet
630Kb / 13P
Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940BJC ROCHESTER-Am79C940BJC Datasheet
630Kb / 13P
Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
More results


Similar Description - AM79C940

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
logo
ATMEL Corporation
AT76C504A ATMEL-AT76C504A Datasheet
41Kb / 3P
802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
11-megabit WLAN Media Access Controller MAC
logo
National Semiconductor ...
DP83261 NSC-DP83261 Datasheet
1Mb / 132P
BMAC Device (FDDI Media Access Controller)
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940_00 Datasheet
1Mb / 144P
Media Access Controller for Ethernet (MACE??
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
Media Access Controller
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Rochester Electronics
79C940 ROCHESTER-79C940 Datasheet
630Kb / 13P
Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
Quad Gigabit Ethernet Media Access Controller
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com