Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB8789 Datasheet (PDF) - Infineon Technologies AG

PMB8789 Datasheet PDF - Infineon Technologies AG
Part # PMB8789
Download  PMB8789 Download
File Size   151.25 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual-Band Media Access Controller (MAC) for WLAN System Solutions

PMB8789 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB8789 Datasheet PDF - Infineon Technologies AG

Part # PMB8789
Download  PMB8789 Click to download

File Size   151.25 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual-Band Media Access Controller (MAC) for WLAN System Solutions

PMB8789 Datasheet (HTML) - Infineon Technologies AG


PMB8789 Product details

The PMB 8789 WLAN media access controller is one chip of the wireless system solution from Infineon Technologies that addresses the need of the emerging market for wireless LAN and wireless home-networking products. Using a plurality of host interfaces, the PMB 8789 supports the MAC and data buffer management functions and is fully compliant with the IEEE802.11a/b and 11g WLAN standards.

Features
■ Full implementation of the 802.11 WMAC protocol including the following:
    - IEEE 802.11a and 11g standards, including all optional data rates
    - IEEE 802.11b standard data rates
    - Supports up to 54 Mbit/s data rate
■ Multiple queue management facilities to support QoS provisions, including IEEE 802.11e QoS
■ Supports 802.11i security encryption algorithms without impacting device throughput performance and latency:
    - Advanced Encryption Standard (AES)
    - Up to 128-bit wired equivalent privacy (WEP)
    - Temporal Key Integrity Protocol (TKIP) per Wi-Fi® Protected Access (WPA) and draft 802.11i standard
■ Host interface support of the following:
    - PCI V2.3 bus mastering device featuring 32-bit transfers at 33 MHz
    - MiniPCI Specification 1.0
    - CardBus 32-bit, 33 MHz transfers
    - USB V1.1
    - PC card interface supports full 16-bit implementation per PCMCIA release 7
■ On-chip 64k x 16 static RAM supports full 802.11 station and client functionality without external memory
■ Flexible modem data interface
■ Flexible modem management interface
■ Flexible external memory expansion:
    - Programmable wait states for slow external memo
    - Multiple memory organization up to 4 Mbytes
■ Supports BluetoothTM coexistence through a two-wire interface
■ Device is capable of low-power operation
■ An optional 32.768 kHz crystal can be connected for ultralow power-down mode
■ Operation at 3.0 V to 3.6 V single supply
■ Supports IEEE1149.1 boundary scan standard

Applications
■ High data-rate wireless LAN
■ PC card wireless LAN adapters
■ (Mini) PCI wireless LAN cards
■ CardBus wireless LAN adapters
■ Compact flash wireless LAN cards
■ USB wireless LAN adapters
■ Wireless LAN modules, access points, bridge
■ products, and point-to-multipoint systems




Similar Part No. - PMB8789

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8787 INFINEON-PMB8787 Datasheet
150Kb / 2P
Dual-Band Modem IC (PHY) for WLAN System Solutions
2003
More results


Similar Description - PMB8789

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
Media Access Controller for Ethernet (MACE)
logo
Infineon Technologies A...
PMB8680 INFINEON-PMB8680 Datasheet
170Kb / 2P
Dual-Band RF Transceiver for WLAN System Solutions
2003
PMB8787 INFINEON-PMB8787 Datasheet
150Kb / 2P
Dual-Band Modem IC (PHY) for WLAN System Solutions
2003
logo
ATMEL Corporation
AT76C503A ATMEL-AT76C503A Datasheet
44Kb / 3P
Universal Serial Bus 11-megabit WLAN Media Access Controller
AT76C505 ATMEL-AT76C505 Datasheet
45Kb / 3P
802.11b Media Access Controller (MAC) and Baseband with USB Interface
AT76C504A ATMEL-AT76C504A Datasheet
41Kb / 3P
802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
AT76C505A ATMEL-AT76C505A Datasheet
42Kb / 3P
802.11b Media Access Controller (MAC) and Baseband with USB Interface
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
11-megabit WLAN Media Access Controller MAC
AT76C506A ATMEL-AT76C506A Datasheet
363Kb / 3P
802.11B MEDIA ACCESS CONTROLLER (MAC) AND BASEBAND WITH PCI INTERFACE
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
Media Access Controller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com