Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB8680 Datasheet (PDF) - Infineon Technologies AG

PMB8680 Datasheet PDF - Infineon Technologies AG
Part # PMB8680
Download  PMB8680 Download
File Size   170.57 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual-Band RF Transceiver for WLAN System Solutions

PMB8680 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB8680 Datasheet PDF - Infineon Technologies AG

Part # PMB8680
Download  PMB8680 Click to download

File Size   170.57 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual-Band RF Transceiver for WLAN System Solutions

PMB8680 Datasheet (HTML) - Infineon Technologies AG


PMB8680 Product details

The PMB 8680 is a low power, high performance dual-band RF Transceiver for IEEE Wireless LAN Standards 802.11a, 11b and 11g.
The PMB 8680 is designed to form an Infineon WLAN chipset in combination with the PMB 8787 Baseband PHY IC, the PMB 8825 dual-band Power Amplifier and the PMB 8789 MAC IC.
This highly integrated solution together with low external component requirement (low Bill of Material) shortens time to market.

Features
■ 0.25 µm BiCMOS technology
■ 3-wire bus control
■ Supply voltage 3.0 ... 3.6 V
■ Alternative direct supply of regulated supply voltage 2.5 ... 2.7 V
■ 2 integrated voltage regulators (LDO)
■ Power down modes
■ Operational temperature -30 ... +85°C
■ Frequency bands: 2.4 - 2.5 GHz /5.15 - 5.875 GHz
■ Small size VQFN-48 package (7x7x0.9 mm)

Applications
■ High data-rate wireless LAN
■ PC card wireless LAN adapters
■ (Mini) PCI wireless LAN cards
■ CardBus wireless LAN adapters
■ Compact flash wireless LAN cards
■ USB wireless LAN adapters
■ Wireless LAN modules, access points, bridge products, and point-to-multipoint systems




Similar Part No. - PMB8680

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB8118LAP ERICSSON-PMB8118LAP Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB8118NAP ERICSSON-PMB8118NAP Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB8218GP ERICSSON-PMB8218GP Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB8218HP ERICSSON-PMB8218HP Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB8419P ERICSSON-PMB8419P Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
More results


Similar Description - PMB8680

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8787 INFINEON-PMB8787 Datasheet
150Kb / 2P
Dual-Band Modem IC (PHY) for WLAN System Solutions
2003
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
PMB8825 INFINEON-PMB8825 Datasheet
188Kb / 2P
Dual-Band Power Amplifier for WLAN Systems
2003
logo
List of Unclassifed Man...
AM119 ETC-AM119 Datasheet
161Kb / 3P
Dual-Band WLAN Dual Diplexer
logo
STMicroelectronics
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
DUAL BAND WIRELESS LAN RF TRANSCEIVER
Oct-2004
logo
Pulse A Technitrol Comp...
W1039B030 PULSE-W1039B030 Datasheet
137Kb / 1P
Dual Band WLAN Antenna
W3079 PULSE-W3079 Datasheet
1Mb / 12P
Ceramic Dual Band WLAN
logo
Analog Devices
ADRV9004 AD-ADRV9004 Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
5/2021-Revision 0
ADRV9002 AD-ADRV9002 Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
4/2021-Revision 0
logo
Realtek Semiconductor C...
RTL8225 REALTEK-RTL8225 Datasheet
828Kb / 18P
IEEE 802.11g WLAN RF TRANSCEIVER
08 May 2005 Rev. 0.9
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com