Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971 Datasheet (PDF) - Advanced Micro Devices

AM79C971 Datasheet PDF - Advanced Micro Devices
Part # AM79C971
Download  AM79C971 Download
File Size   3190.57 Kbytes
Page   265 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus

AM79C971 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C971 Datasheet PDF - Advanced Micro Devices

Part # AM79C971
Download  AM79C971 Click to download

File Size   3190.57 Kbytes
Page   265 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus

AM79C971 Datasheet (HTML) - Advanced Micro Devices


AM79C971 Product details

GENERAL DESCRIPTION
The Am79C971 controller is a single-chip 32-bit full-duplex, 10/100-Megabit per second (Mbps) highly integrated Ethernet system solution, designed to address high-performance system application requirements. It is a flexible bus mastering device that can be used in any application, including network-ready PCs and bridge/router designs. The bus master architecture provides high data throughput in the system and low CPU and system bus utilization. The Am79C971 controller is fabricated with AMD’s advanced low-power Complementary Metal Oxide Semiconductor (CMOS) process to provide low operating and standby current for power sensitive applications.

DISTINCTIVE CHARACTERISTICS
■ Single-chip Fast Ethernet controller for the
   Peripheral Component Interconnect (PCI) local
   bus
   — 32-bit glueless PCI host interface
   — Supports PCI clock frequency from DC to
      33 MHz independent of network clock
   — Supports network operation with PCI clock
      from 15 MHz to 33 MHz
   — High performance bus mastering
      architecture with integrated Direct Memory
      Access (DMA) Buffer Management Unit for
      low CPU and bus utilization
   — PCI specification revision 2.1 compliant
   — Supports PCI Subsystem/Subvendor ID/
      Vendor ID programming through the
      EEPROM interface
   — Supports both PCI 5.0-V and 3.3-V signaling
      environments
   — Plug and Play compatible
   — Supports an unlimited PCI burst length
   — Big endian and little endian byte alignments
      supported
■ Integrated 10BASE-T and 10BASE-2/5 (AUI)
   Physical Layer Interface
   — Single-chip IEEE/ANSI 802.3, IEC/ISO 8802-3
      and Blue Book Ethernet-compliant solution
   — Automatic Twisted-Pair receive polarity
      detection and correction
   — Internal 10BASE-T transceiver with Smart
      Squelch to Twisted-Pair medium
   — IEEE 802.3-compliant auto-negotiable
      10BASE-T interface
■ Supports General Purpose Serial Interface (GPSI)
■ Media Independent Interface (MII) for
   connecting external 10- or 100-Megabit per
   second (Mbps) transceivers
   — IEEE 802.3-compliant MII
   — Intelligent Auto-Poll™ external PHY status
      monitor and interrupt
   — Includes intelligent on-chip Network Port
      Manager that provides auto-port selection
      between MII, on-chip 10BASE-T port, and AUI
      without software support
   — Supports both auto-negotiable and non
      auto-negotiable external PHYs
   — Supports 10BASE-T, 100BASE-TX/FX,
      100BASE-T4, and 100BASE-T2 IEEE 802.3-
      compliant MII PHYs at full- or half-duplex (Continue ...)




Similar Part No. - AM79C971

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C971 PULSE-AM79C971 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results


Similar Description - AM79C971

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C972 AMD-AM79C972 Datasheet
1Mb / 130P
PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
PCnet-PRO??10/100 Mbps PCI Ethernet Controller
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
SMSC Corporation
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
List of Unclassifed Man...
21140 ETC-21140 Datasheet
1Mb / 43P
Otffers a single-chip Fast Bthernet controller for PCI local bus
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com