Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet (PDF) - Advanced Micro Devices

AM79C976 Datasheet PDF - Advanced Micro Devices
Part # AM79C976
Download  AM79C976 Download
File Size   2070.8 Kbytes
Page   309 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnet-PRO??10/100 Mbps PCI Ethernet Controller

AM79C976 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C976 Datasheet PDF - Advanced Micro Devices

Part # AM79C976
Download  AM79C976 Click to download

File Size   2070.8 Kbytes
Page   309 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnet-PRO??10/100 Mbps PCI Ethernet Controller

AM79C976 Datasheet (HTML) - Advanced Micro Devices


AM79C976 Product details

GENERAL DESCRIPTION
The Am79C976 controller is a highly-integrated 32-bit full-duplex, 10/100-Megabit per second (Mbps) Ethernet controller solution, designed to address high performance system application requirements. It is a flexible bus mastering device that can be used in any application, including network-ready PCs and bridge/router designs. The bus master architecture provides high data throughput and low CPU and system bus utilization. The Am79C976 controller is fabricated with advanced low-power 3.3-V CMOS process to provide low operating current for power sensitive applications.

DISTINCTIVE CHARACTERISTICS
■ Integrated Fast Ethernet controller for the
   Peripheral Component Interconnect (PCI) bus
   — 32-bit glueless PCI host interface
   — Supports PCI clock frequency from DC to
      33 MHz independent of network clock
   — Supports network operation with PCI clock
      from 15 MHz to 33 MHz
   — High performance bus mastering
      architecture with integrated Direct Memory
      Access (DMA) Buffer Management Unit for
      low CPU and bus utilization
   — PCI specification revision 2.2 compliant
   — Supports PCI Subsystem/Subvendor
      ID/Vendor ID programming through the
      EEPROM interface
   — Supports both PCI 3.3-V and 5.0-V signaling
      environments
   — Plug and Play compatible
   — Uses advanced PCI commands (MWI, MRL,
      MRM)
   — Optionally supports PCI bursts aligned to
      cache line boundaries
   — Supports big endian and little endian byte
      alignments
   — Implements optional PCI power management
      event (PME) pin
   — Supports 40-bit addressing (using PCI Dual
      Address Cycles)
■ Media Independent Interface (MII) for
   connecting external 10/100 megabit per second
   (Mbps) transceivers
   — IEEE 802.3-compliant MII
   — Intelligent Auto-Poll™ external PHY status
      monitor and interrupt
   — Supports both auto-negotiable and non auto
      negotiable external PHYs
   — Supports 10BASE-T, 100BASE-TX/FX,
      100BASE-T4, and 100BASE-T2 IEEE 802.3-
      compliant MII PHYs at full- or half-duplex
■ Full-duplex operation supported with
   independent Transmit (TX) and Receive (RX)
   channels
■ Includes support for IEEE 802.1Q VLANs
   — Automatically inserts, deletes, or modifies
      VLAN tag
   — Optionally filters untagged frames
■ Provides optional flow control features
   — Recognizes and transmits IEEE 802.3x MAC
      flow control frames
   — Asserts collision-based back pressure in
      half-duplex mode
■ Provides internal Management Information
   Base (MIB) counters for network statistics
■ Supports PC97, PC98, PC99, and Net PC
   requirements
   — Implements full OnNow features including
      pattern matching and link status wake-up
   — Implements Magic Packet™ mode
   — Magic Packet mode and the physical address
      loaded from EEPROM at power up without
      requiring PCI clock
   — Supports PCI Bus Power Management
      Interface Specification Version 1.1
   — Supports Advanced Configuration and
      Power Interface (ACPI) Specification Version
      1.0
   — Supports Network Device Class Power
      Management Specification Version 1.0
■ Large independent external TX and RX FIFOs
   — Supports up to 4 megabytes (Mbytes)
      external SSRAM for RX and TX frame storage
   — Programmable FIFO watermarks for both
      transmit and receive operations
   — Receive frame queuing for high latency PCI
      bus host operation
   — Programmable allocation of buffer space
      between transmit and receive queues (Continue ...)




Similar Part No. - AM79C976

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
Pulse A Technitrol Comp...
AM79C970 PULSE-AM79C970 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKC AMD-AM79C970AKC Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKCW AMD-AM79C970AKCW Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
More results


Similar Description - AM79C976

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
AM79C972 AMD-AM79C972 Datasheet
1Mb / 130P
PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
logo
List of Unclassifed Man...
ADM8513 ETC-ADM8513 Datasheet
567Kb / 44P
USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
ADM6926 ETC1-ADM6926 Datasheet
4Mb / 85P
26 port 10/100 Mbps Ethernet Switch Controller
logo
Intel Corporation
21143 INTEL-21143 Datasheet
257Kb / 52P
PCI/CardBus 10/100 Ethernet LAN Controller
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Davicom Semiconductor, ...
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
logo
Infineon Technologies A...
AMD8513 INFINEON-AMD8513 Datasheet
6Mb / 88P
USB-to-10/100 Mbps Ethernet LAN Controller
Data Sheet, Rev. 1.21, Dec. 2005
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com