Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C974 Datasheet (PDF) - Advanced Micro Devices

AM79C974 Datasheet PDF - Advanced Micro Devices
Part # AM79C974
Download  AM79C974 Download
File Size   838.58 Kbytes
Page   153 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems

AM79C974 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C974 Datasheet PDF - Advanced Micro Devices

Part # AM79C974
Download  AM79C974 Click to download

File Size   838.58 Kbytes
Page   153 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems

AM79C974 Datasheet (HTML) - Advanced Micro Devices


AM79C974 Product details

GENERAL DESCRIPTION
The PCnet-SCSI combination Ethernet and 8-bit Fast SCSI controller with a 32-bit PCI bus interface is a highly integrated Ethernet-Fast SCSI system solution designed to address high-performance system application requirements. This single-chip is a flexible bus-mastering device that can be used in many applications, including network- and SCSI-ready PCs, printers, fax modems, and bridge/router designs. The bus-master architecture provides high data throughput in the system and low CPU and system bus utilization. The PCnet-SCSI controller is fabricated with AMD’s advanced low-power CMOS process to provide low operating and standby current for power sensitive applications.

DISTINCTIVE CHARACTERISTICS
PCI Features
■ Direct glueless interface to 33 MHz, 32-bit PCI local bus
■ 132 Mbyte/s burst DMA transfer rate
■ Compliant to PCI local bus Specification Revision 2.0

Ethernet Features
■ Supports ISO 8802-3 (IEEE/ANSI 802.3) and Ethernet Standards
■ High-performance Bus Master architecture with integrated DMA Buffer Management Unit for low CPU and bus utilization
■ Individual 136-byte transmit and 128-byte receive FIFOs provide frame buffering for increased system latency
■ MicrowireTM EEPROM interface supports jumperless design
■ Integrated Manchester Encoder/Decoder
■ Provides integrated Attachment Unit Interface (AUI) and 10BASE-T transceiver with automatic port selection
■ Automatic Twisted-Pair receive polarity detection and automatic correction of the receive polarity
■ Dynamic transmit FCS generation programmable on a frame-by-frame basis
■ Internal/external loopback capabilities
■ Supports the following types of network interfaces:
    — AUI to external 10BASE2, 10BASE5, 10BASE-T or 10BASE-F MAU
    — Internal 10BASE-T transceiver with Smart Squelch to Twisted-Pair medium

SCSI Features
■ Compliant to ANSI standards X3.131 – 1986 (SCSI-1) and X3.131 – 199X (SCSI-2)
■ Fast 8-bit SCSI-2 10 Mbyte/s synchronous or 7 Mbyte/s asynchronous data transfer rate
■ SCSI specific Bus Mastering DMA engine (32-bit address/data)
■ 96-byte DMA FIFO for low bus latency
■ On-chip state machine to control the SCSI sequences in hardware
■ Integrated industry standard Fast SCSI-2 core
■ Single-Ended 48 mA outputs to drive the SCSI bus directly
■ Support for Scatter-Gather DMA data transfers
■ Hooks in silicon and software to enable disk drive spin down for power savings

General Features
■ Software compatible with AMD’s Am79C960 PCnet-ISA, Am79C961 PCnet-ISA+, Am79C965 PCnet-32, Am79C970 PCnet-PCI register and descriptor architecture
■ Plug-in and software compatible with AMD’s PCSCSI family of SCSI controllers for PCI
■ NAND Tree test mode for connectivity testing on printed circuit boards
■ Single +5 V power supply operation
■ Low-power, CMOS design with sleep modes for both Ethernet and SCSI controllers allows reduced power consumption for critical battery powered applications and ‘Green PCs’
■ Fully static design for low frequency and power operation
■ 132-pin PQFP package




Similar Part No. - AM79C974

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
Pulse A Technitrol Comp...
AM79C970 PULSE-AM79C970 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKC AMD-AM79C970AKC Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKCW AMD-AM79C970AKCW Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
More results


Similar Description - AM79C974

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
SCSI 1 Protocol Controller
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
logo
Advanced Micro Devices
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
List of Unclassifed Man...
LSI53C876E ETC-LSI53C876E Datasheet
99Kb / 4P
PCI-Dual Channel Ultra SCSI Multifuction Controller
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
ULTRA2 SCSI CONTROLLER
LSI53C875E ETC1-LSI53C875E Datasheet
368Kb / 4P
PCI-ULTRA SCSI CONTROLLER
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
ULTRA160 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
AM53C94 AMD-AM53C94 Datasheet
439Kb / 63P
High Performance SCSI Controller
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com