Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C982 Datasheet (PDF) - Advanced Micro Devices

AM79C982 Datasheet PDF - Advanced Micro Devices
Part # AM79C982
Download  AM79C982 Download
File Size   254.84 Kbytes
Page   26 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description basic Integrated Multiport Repeater (bIMR)

AM79C982 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C982 Datasheet PDF - Advanced Micro Devices

Part # AM79C982
Download  AM79C982 Click to download

File Size   254.84 Kbytes
Page   26 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description basic Integrated Multiport Repeater (bIMR)

AM79C982 Datasheet (HTML) - Advanced Micro Devices


AM79C982 Product details

GENERAL DESCRIPTION

The basic Integrated Multiport Repeater (bIMR™) chip is a VLSI circuit that provides a system-level solution to designing a compliant 802.3 repeater incorporating 10BASE-T transceivers. The device integrates the Repeater functions specified by Section 9 of the IEEE 802.3 standard and twisted-pair Transceiver functions complying to the 10BASE-T standard. The Am79C982-4 provides four and the Am79C982-8 provides eight integral twisted-pair medium attachment units (MAUs), and an attachment unit interface (AUI) port in an 84-pin plastic leaded chip carrier (PLCC).



DISTINCTIVE CHARACTERISTICS

■ Fully backward-compatible with existing IMR/IMR+ device non-managed hub designs

   — Pin/socket-compatible with the Am79C980 (IMR) and Am79C981 (IMR+) devices

■ Repeater functions comply with IEEE 802.3 Repeater Unit specifications

■ Four and eight 10BASE-T port options available

■ Low-cost, flexible solutions suitable for non-managed repeater designs

■ Integral 10BASE-T transceivers utilize the required predistortion transmission technique

■ Attachment unit interface (AUI) port allows connectivity with 10BASE-5 (Ethernet) and 10BASE-2 (Cheapernet) networks, as well as 10BASE-F and/or Fiber Optic Inter-Repeater Link (FOIRL) segments

■ Minimum mode facilitates LED implementation and provides four LED display options for port status

■ Built-in pulse stretching for carrier sense LED display

■ On-board PLL, Manchester encoder/decoder, LED display and FIFO

■ Expandable to increase number of repeater ports

■ All ports can be separately isolated (partitioned) in response to excessive collision conditions or fault conditions

■ Network management and optional features are accessible through a dedicated serial management port

■ Twisted-pair Link Test capability conforming to the 10BASE-T standard.The receive Link Test function can be optionally disabled through the management port to facilitate interoperability with devices that do not implement the LinkTest function

■ Programmable option of Automatic Polarity Detection and Correction permits automatic recovery due to wiring errors

■ Full amplitude and timing regeneration for retransmitted waveforms

■ Preamble loss effects eliminated by deep FIFO

■ CMOS device features high integration and low power with a single +5 V supply



 




Similar Part No. - AM79C982

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C982 PULSE-AM79C982 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results


Similar Description - AM79C982

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C981 AMD-AM79C981 Datasheet
347Kb / 40P
Integrated Multiport Repeater Plus??(IMR??
AM79C983A AMD-AM79C983A Datasheet
348Kb / 60P
Integrated Multiport Repeater 2 (IMR2??
AM79C984A AMD-AM79C984A Datasheet
222Kb / 44P
enhanced Integrated Multiport Repeater (eIMR??
AM79C985 AMD-AM79C985 Datasheet
260Kb / 48P
enhanced Integrated Multiport Repeater Plus (eIMR??
logo
List of Unclassifed Man...
TC3097F-5 ETC-TC3097F-5 Datasheet
665Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
TC3097-8 ETC-TC3097-8 Datasheet
641Kb / 36P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER
TC3097F-8 ETC-TC3097F-8 Datasheet
671Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
PCA ELECTRONICS INC.
EPA2162 PCA-EPA2162 Datasheet
73Kb / 2P
10 Base-T Interface Module for Multiport Repeater Applications
logo
List of Unclassifed Man...
TC3097-8 ETC2-TC3097-8 Datasheet
862Kb / 35P
Lite End Multiport Repeater Interface Controller
logo
Bothhand USA, LP.
16ST649 BOTHHAND-16ST649 Datasheet
24Kb / 1P
QUAD 10BASE-T MEDIA ISOLATION TRANSFORMER FOR MULTIPORT REPEATER
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com