Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C982 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C982
Description  basic Integrated Multiport Repeater (bIMR)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C982 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C982 Datasheet HTML 1Page - Advanced Micro Devices AM79C982 Datasheet HTML 2Page - Advanced Micro Devices AM79C982 Datasheet HTML 3Page - Advanced Micro Devices AM79C982 Datasheet HTML 4Page - Advanced Micro Devices AM79C982 Datasheet HTML 5Page - Advanced Micro Devices AM79C982 Datasheet HTML 6Page - Advanced Micro Devices AM79C982 Datasheet HTML 7Page - Advanced Micro Devices AM79C982 Datasheet HTML 8Page - Advanced Micro Devices AM79C982 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The
information is intended to help you evaluate this product. AMD reserves the right to change or discontinue
work on this proposed product without notice.
Publication# 19406
Rev: B Amendment/0
Issue Date: January 1999
1-3
Am79C982
basic Integrated Multiport Repeater (
bIMR)
DISTINCTIVE CHARACTERISTICS
s Fully backward-compatible with existing
IMR/IMR+ device non-managed hub designs
— Pin/socket-compatible with the Am79C980
(IMR) and Am79C981 (IMR+) devices
s Repeater functions comply with IEEE 802.3
Repeater Unit specifications
s Four and eight 10BASE-T port options available
s Low-cost, flexible solutions suitable for
non-managed repeater designs
s Integral 10BASE-T transceivers utilize the
required predistortion transmission technique
s Attachment unit interface (AUI) port allows
connectivity with 10BASE-5 (Ethernet) and
10BASE-2 (Cheapernet) networks, as well as
10BASE-F and/or Fiber Optic Inter-Repeater
Link (FOIRL) segments
s Minimum mode facilitates LED implementation
and provides four LED display options for port
status
s Built-in pulse stretching for carrier sense LED
display
s On-board PLL, Manchester encoder/decoder,
LED display and FIFO
s Expandable to increase number of repeater
ports
s All ports can be separately isolated (partitioned)
in response to excessive collision conditions or
fault conditions
s Network management and optional features are
accessible through a dedicated serial
management port
s Twisted-pair Link Test capability conforming to
the 10BASE-T standard. The receive Link Test
function can be optionally disabled through the
management port to facilitate interoperability
with devices that do not implement the Link Test
function
s Programmable option of Automatic Polarity
Detection and Correction permits automatic
recovery due to wiring errors
s Full amplitude and timing regeneration for
retransmitted waveforms
s Preamble loss effects eliminated by deep FIFO
s CMOS device features high integration and low
power with a single +5 V supply
GENERAL DESCRIPTION
The
basic Integrated Multiport Repeater (bIMR™) chip
is a VLSI circuit that provides a system-level solution to
designing a compliant 802.3 repeater incorporating
10BASE-T transceivers. The device integrates the
Repeater functions specified by Section 9 of the
IEEE 802.3 standard and twisted-pair Transceiver
functions complying to the 10BASE-T standard. The
Am79C982-4 provides four and the Am79C982-8 pro-
vides eight integral twisted-pair medium attachment
units (MAUs), and an attachment unit interface (AUI)
port in an 84-pin plastic leaded chip carrier (PLCC).
A network based on the 10BASE-T standard uses un-
shielded twisted-pair cables, therefore providing an
economical solution to networking by allowing the use
of low-cost unshielded twisted-pair (UTP) cable or
existing telephone wiring.
The total number of ports per repeater unit can be in-
creased by connecting multiple
bIMR devices through
their expansion ports, hence minimizing the total cost
per repeater port. Furthermore, a general-purpose
attachment unit interface (AUI) provides connection
capability to 10BASE-5 (Ethernet) and 10BASE-2
(Cheapernet) coaxial networks, as well as 10BASE-F
and/or Fiber Optic Inter-Repeater Link (FOIRL) fiber
segments. Network management and test functions
are provided through TTL-compatible I/O pins.
The device is fabricated in CMOS technology and
requires a single +5 V supply.


Similar Part No. - AM79C982

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C982 PULSE-AM79C982 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - AM79C982

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C981 AMD-AM79C981 Datasheet
347Kb / 40P
Integrated Multiport Repeater Plus??(IMR??
AM79C983A AMD-AM79C983A Datasheet
348Kb / 60P
Integrated Multiport Repeater 2 (IMR2??
AM79C984A AMD-AM79C984A Datasheet
222Kb / 44P
enhanced Integrated Multiport Repeater (eIMR??
AM79C985 AMD-AM79C985 Datasheet
260Kb / 48P
enhanced Integrated Multiport Repeater Plus (eIMR??
logo
List of Unclassifed Man...
TC3097F-5 ETC-TC3097F-5 Datasheet
665Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
TC3097-8 ETC-TC3097-8 Datasheet
641Kb / 36P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER
TC3097F-8 ETC-TC3097F-8 Datasheet
671Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
PCA ELECTRONICS INC.
EPA2162 PCA-EPA2162 Datasheet
73Kb / 2P
10 Base-T Interface Module for Multiport Repeater Applications
logo
List of Unclassifed Man...
TC3097-8 ETC2-TC3097-8 Datasheet
862Kb / 35P
Lite End Multiport Repeater Interface Controller
logo
Bothhand USA, LP.
16ST649 BOTHHAND-16ST649 Datasheet
24Kb / 1P
QUAD 10BASE-T MEDIA ISOLATION TRANSFORMER FOR MULTIPORT REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com