Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C982 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C982
Description  basic Integrated Multiport Repeater (bIMR)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C982 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C982 Datasheet HTML 18Page - Advanced Micro Devices AM79C982 Datasheet HTML 19Page - Advanced Micro Devices AM79C982 Datasheet HTML 20Page - Advanced Micro Devices AM79C982 Datasheet HTML 21Page - Advanced Micro Devices AM79C982 Datasheet HTML 22Page - Advanced Micro Devices AM79C982 Datasheet HTML 23Page - Advanced Micro Devices AM79C982 Datasheet HTML 24Page - Advanced Micro Devices AM79C982 Datasheet HTML 25Page - Advanced Micro Devices AM79C982 Datasheet HTML 26Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AMD
PRELIMINARY
1–25
Am79C982
Note: When used in minimum mode.
19406B-13
X1
RST
SHCK
1
2
12
16
20
CRS
AUI
TP1
TP0
24
28
32
10
TP3
TP2
STR
AUI
TP1
TP0
TP3
TP2
SO
(Note)
AUI
AUI
Figure 6. bIMR4 Management Port Minimum Mode and Port Activity Monitor Signal Relationship
Port Activity Monitor
Two pins, CRS and STR, are used to serially output the
state of the internal Carrier Sense signals from the AUI
and the eight (four) TP ports. This function together with
external hardware and/or software can be used to moni-
tor repeater receive and/or collision activity.
The resolution of the CRS signal is 2 ms. The incoming
data is sampled repeatedly during each 2 ms period. If
any activity occurs (regardless of length) during any
2 ms period, this activity will be latched. At the start of
the next 2 ms period, the bIMR device will examine the
latches for each port. For any port in which activity
occurred, the corresponding bit in the CRS output
stream will remain set for the 2 ms period. This means
that during any 2 ms time interval the CRS output bit
stream represents carrier activity that occurred in the
preceding 2 ms period (see Figure 7). During the last
1000 ns of the 2 ms period, the CRS signal is reset to
LOW. Figure 7 illustrates this by showing the output of
the register in the recommended LED drive circuitry of
Figure 8.
The CRS pin is used to indicate carrier sense for all nine
ports of the device (five for the Am79C982-4). This pin
outputs a ten bit stream that repeats every microsecond.
During this period there are ten bit times (100 ns). Each
port has a “time slot” in this repeating bit stream (see
Figure 4). For example, activity on the AUI port is repre-
sented by the state of the CRS pin during the second
100 ns period of the one microsecond cycle.
Because the one microsecond sequence is repeated
unchanged for most of the longer 2 ms cycle, any LED
driven by the latch and shift register shown in Figure 3
and 5 will remain on for at least 2 ms. This minimizes the
need for external pulse stretching logic.
1000 ns
2 ms
TPX
or AUI
CRS
19406B-14
Figure 7. Carrier Sense Signal Output Corresponding to the
States of AUI or Twisted-Pair Port Activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com