Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C982 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C982
Description  basic Integrated Multiport Repeater (bIMR)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C982 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C982 Datasheet HTML 17Page - Advanced Micro Devices AM79C982 Datasheet HTML 18Page - Advanced Micro Devices AM79C982 Datasheet HTML 19Page - Advanced Micro Devices AM79C982 Datasheet HTML 20Page - Advanced Micro Devices AM79C982 Datasheet HTML 21Page - Advanced Micro Devices AM79C982 Datasheet HTML 22Page - Advanced Micro Devices AM79C982 Datasheet HTML 23Page - Advanced Micro Devices AM79C982 Datasheet HTML 24Page - Advanced Micro Devices AM79C982 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AMD
PRELIMINARY
1–23
Am79C982
Minimum Mode
The Minimum Mode reconfigures the bIMR device Man-
agement Port and is intended to provide support for the
low end, non-managed repeaters, requiring minimal ex-
ternal logic to provide LED indication of:
s Twisted Pair Ports Link Status indication and AUI
Loopback Status
s Port Partitioning Status
s Twisted Pair Ports Receiver Polarity Status and
AUI SQE Test Error Status
s Port Bit Rate Error Status
The Minimum Mode is selected by controlling the state
of the TEST pin while
RST is asserted. If TEST is High
(asserted), while reset is active (
RST LOW), then Mini-
mum Mode is selected. The state of SI pin, at the de-
assertion of the
RST signal, determines whether the
bIMR chip is to be programmed for Automatic Polarity
Detection/Correction.
When entering the Minimum Mode, the TEST input has
to be deasserted on the rising edge of reset. A maximum
delay of 100 ns is allowed to account for slow devices.
The following table summarizes the different modes
available.
Test
SI
Functions
0
0
Normal Management Mode
0
1
Normal Management Mode
1
0
Minimum Mode, Receive
Polarity Correction disabled
1
1
Minimum Mode, Receive
Polarity Correction enabled
In Minimum Mode, the SO pin is used to serially output
the various status information based on the state of the
SI and SCLK pins. A summary of the status information
is provided in the following table.
SCLK
SI
SO Output
0
0
TP Ports Receive Polarity Status +
AUI SQE Test Error Status.
0
1
Bit Rate Error (all ports).
1
0
TP Ports Link Status + AUI
LoopBack Status
1
1
Port Partitioning Status (all ports)
When SI = 0 then SO will output the related AUI status
bits (LoopBack or SQE), followed by the 8 (4) TP status
bits (Link or Polarity), starting with the TP port 0.
When SI = 1, the Port Partitioning Status or Port Bit Rate
Error Status are scanned out with the AUI first and TP
ports following. TP Port 0 is scanned out first.
Note that the Bit Rate Error, AUI Loopback, and AUI
SQE Test Error status bits stay set until they are
scanned out.
The state of SI and SCLK inputs is checked at the end of
every STR cycle. The rising edge of the X1 clock, occur-
ring before falling edge of STR, is used to strobe in the
state of the SI and SCLK pins.
In this Minimum Mode, the Management Port mode is
not active. To exit the Minimum mode, the bIMR device
must reset into the normal Management Port mode.
Am79C982
bIMR8 Chip
XTAL
OSC
CK
D
Q
ASYNC
RESET
X1
X2
RST
STR
SO
CLR
CK
Q
Q
D
1/2 ’74
TCK
CK
SI
SIPO
CK
T
P
7
T
P
6
T
P
5
T
P
0
A
U
I
1/2 ’74
TCK
SCLK
SI
19406B-10
Register
TEST
Figure 3. bIMR8 LED Display Design using Minimum Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com