Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C982 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C982
Description  basic Integrated Multiport Repeater (bIMR)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C982 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C982 Datasheet HTML 13Page - Advanced Micro Devices AM79C982 Datasheet HTML 14Page - Advanced Micro Devices AM79C982 Datasheet HTML 15Page - Advanced Micro Devices AM79C982 Datasheet HTML 16Page - Advanced Micro Devices AM79C982 Datasheet HTML 17Page - Advanced Micro Devices AM79C982 Datasheet HTML 18Page - Advanced Micro Devices AM79C982 Datasheet HTML 19Page - Advanced Micro Devices AM79C982 Datasheet HTML 20Page - Advanced Micro Devices AM79C982 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AMD
PRELIMINARY
1–19
Am79C982
Table 2. Management Port Command Summary
Commands
SI Data
SO Data
Set (Write) Opcodes
bIMR Chip Programmable Options
0000 10SA
Alternate AUI Partitioning Algorithm
0001 1111
Alternate TP Partitioning Algorithm
0001 0000
AUI Port Disable
0010 1111
AUI Port Enable
0011 1111
TP Port Disable
0010 0### (note 2)
TP Port Enable
0011 0###
Disable Link Test Function (per TP port)
0100 0###
Enable Link Test Function (per TP port)
0101 0###
Disable Automatic Receiver Polarity Reversal (per TP port)
0110 0###
Enable Automatic Receiver Polarity Reversal (per TP port)
0111 0###
Get (Read) Opcodes
AUI Port Status (B, S, L Cleared)
1000 1111
PBSL 0000
TP Port Partitioning Status
1000 0000
C7...C0 (bIMR8),
C3...C0 (bIMR4)
Bit Rate Status of TP ports
1010 0000
E7...E0 (bIMR8),
E3...E0 (bIMR4)
Link Test Status of TP ports
1101 0000
L7...L0 (bIMR8),
L3...L0 (bIMR4)
Receive Polarity Status of all TP ports
1110 0000
P7...P0 (bIMR8),
P3...P0 (bIMR4)
MJLP Status
1111 0000
M000 0000
Version
1111 1111
XXXX 0101
AUI Port Status (S, L Cleared)
1000 1011
PBSL 0000
AUI Port Status (B Cleared)
1000 1101
PBSL 0000
AUI Port Status (None Cleared)
1000 1001
PBSL 0000
Notes:
1. Unused opcodes are reserved for future use.
2. Select code for the twisted pair ports (TP0 to TP7).
###
bIMR8
bIMR4
000
TP0
—
001
TP1
TP0
010
TP2
—
011
TP3
TP1
100
TP4
—
101
TP5
TP2
110
TP6
—
111
TP7
TP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com