Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C982 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79C982
Description  basic Integrated Multiport Repeater (bIMR)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C982 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C982 Datasheet HTML 16Page - Advanced Micro Devices AM79C982 Datasheet HTML 17Page - Advanced Micro Devices AM79C982 Datasheet HTML 18Page - Advanced Micro Devices AM79C982 Datasheet HTML 19Page - Advanced Micro Devices AM79C982 Datasheet HTML 20Page - Advanced Micro Devices AM79C982 Datasheet HTML 21Page - Advanced Micro Devices AM79C982 Datasheet HTML 22Page - Advanced Micro Devices AM79C982 Datasheet HTML 23Page - Advanced Micro Devices AM79C982 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AMD
PRELIMINARY
1–22
Am79C982
B Bit Rate Error. This bit is set to 1 if there has been an
instance of FIFO Overflow or Underflow, caused by
data received at the AUI port. This bit is cleared when
the status is read.
S SQE Test Status. This bit is set to 1 if SQE Test is
detected by the bIMR chip. This bit is cleared when
the status is read. A MAU attached to a repeater
must have SQE Test disabled. This bit is set even if
the AUI port is disabled or partitioned.
L Loop Back Error. The MAU attached to the AUI is
required to loopback data transmitted to DO onto the
DI circuit. If loopback carrier is not detected by the
bIMR device, then this bit is set to 1 to report this
condition. This bit is cleared when the status is read.
For a repeater this is the only indication of a broken
or missing MAU.
TP Port Partitioning Status
SI data:
10000000
SO data:
P7....................P0 (bIMR8)
SO data:
P3 X P2 X P1 X P0 (bIMR4)
X = don’t care
Pn = 0
TP port n partitioned
Pn = 1
TP port n connected
The partitioning Status of all four or eight TP ports are
accessed by this command. If a port is disabled, reading
it partitioning status will indicate that it is connected.
Bit Rate Error Status of TP Ports
SI data:
10100000
SO data:
E7....................E0 (bIMR8)
SO data:
E3 X E2 X E1 X E0 (bIMR4)
X = don’t care
This allows a single command to be used to report Bit
Rate Error condition (FIFO Overflow or Underflow) of all
Twisted Pair ports. The 8 bits (4 bits) of the output pat-
tern correspond to each of the 8 TP (4 TP) ports, with
least significant bit corresponding to port 0.
The status bit for a port is set to 1 if there has been an
instance when data received from that port has caused
a FIFO error.
All status bits stay set until the status is read.
Link Test Status of TP Ports
SI data:
11010000
SO data:
L7....................L0 (bIMR8)
SO data:
L3 X L2 X L1 X L0 (bIMR4)
X = don’t care
Ln = 0
TP Port n in Link Test Fail
Ln = 1
TP Port n in Link Test Pass
The Link Test Status of all eight (four) TP ports are ac-
cessed by this command. A disabled port continues to
report correct Link Test Status. Re-enabling a disabled
port causes the port to be placed into Link Test Fail
state. This ensures that packet fragments received on
the port are not repeated to the rest of the network.
Receive Polarity Status of TP Ports
SI data:
11100000
SO data:
P7....................P0 (bIMR8)
SO data:
P3 X P2 X P1 X P0 (bIMR4)
X = don’t care
Pn = 0
TP Port n Polarity Correct
Pn = 1
TP Port n Polarity Reversed
The statuses of all eight (four) TP port polarities are ac-
cessed with this command. The bIMR chip has the abil-
ity to detect and correct reversed polarity on the TP
ports’ RXD+/– pins. If the polarity is detected as re-
versed for a TP port, then the bIMR chip will set the ap-
propriate bit in this command’s result byte only if the
Polarity Reversal Function is enabled for that port.
MJLP Status
SI data:
11110000
SO data:
M00000000
Each bIMR chip contains an independent MAU Jabber
Lock Up Protection Timer. The timer is designed to in-
hibit the bIMR device transmit function, if it has been
transmitting continuously for more than 65536 Bit
Times. The MJLP Status bit (M) is set to 1 if this hap-
pens. This bit remains set and is only cleared when the
MJLP status is read by using this command.
Version
SI data:
11111111
SO data:
XXXX0001
This command (1111 1111) can be used to determine
the device version.
The bIMR chip responds by the bit pattern: XXXX 0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com