Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C982 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C982
Description  basic Integrated Multiport Repeater (bIMR)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C982 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C982 Datasheet HTML 10Page - Advanced Micro Devices AM79C982 Datasheet HTML 11Page - Advanced Micro Devices AM79C982 Datasheet HTML 12Page - Advanced Micro Devices AM79C982 Datasheet HTML 13Page - Advanced Micro Devices AM79C982 Datasheet HTML 14Page - Advanced Micro Devices AM79C982 Datasheet HTML 15Page - Advanced Micro Devices AM79C982 Datasheet HTML 16Page - Advanced Micro Devices AM79C982 Datasheet HTML 17Page - Advanced Micro Devices AM79C982 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
AMD
PRELIMINARY
1–16
Am79C982
Implementing a 12-Port Unmanaged Hub
Both bIMR4 and bIMR8 chips have an expansion bus
that allows multiple devices to be connected together,
allowing high port count repeaters to be designed. The
operation of the expansion bus is identical for the bIMR4
and bIMR8. Minimum Mode is available in both bIMR4
and
bIMR8
devices.
This
mode
facilitates
the
implementation of the LED display for unmanaged hub.
Figure 2 shows a simple example where one four port
bIMR device and one eight port bIMR device are con-
nected together to form one twelve port logical
unmanaged repeater. As both devices are on the same
board the arbiter function can be local, and the bus
transceivers shown at right in Figure 1 are not
necessary due to the low bus loading in this example. In
this case, the arbiter simply asserts
ACK if one REQ sig-
nal is asserted and
COL if both REQ signals are as-
serted. The arbiter does not assert either signal if neither
REQ is asserted. Note that both
ACK and COL are logic
low when asserted.
The D type flip flop is used to synchronize the reset
signals to both bIMR devices in order to ensure that the
internal 10 MHz clocks of these devices are in phase.
More complex repeaters, including stackable hubs, may
be built using the bIMR family. In these cases, the bus
transceivers may be necessary and the arbitration may
be distributed throughout the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com