Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C982 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C982
Description  basic Integrated Multiport Repeater (bIMR)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C982 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C982 Datasheet HTML 11Page - Advanced Micro Devices AM79C982 Datasheet HTML 12Page - Advanced Micro Devices AM79C982 Datasheet HTML 13Page - Advanced Micro Devices AM79C982 Datasheet HTML 14Page - Advanced Micro Devices AM79C982 Datasheet HTML 15Page - Advanced Micro Devices AM79C982 Datasheet HTML 16Page - Advanced Micro Devices AM79C982 Datasheet HTML 17Page - Advanced Micro Devices AM79C982 Datasheet HTML 18Page - Advanced Micro Devices AM79C982 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
AMD
PRELIMINARY
1–17
Am79C982
19406B-7
ASYNC
RESET
SI
CK
bIMR8
REQ ACK COL DAT JAM
CRS
SO
STR
X1
RST
TEST
SI
SCLK
bIMR4
REQ ACK COL DAT JAM
CRS
SO
STR
X1
RST
TEST
SI
SCLK
ARBITER
REQ1
REQ2
20 MHz CLK
CK
Q
Q
CLR
D
CK
Q
Q
CLR
D
CK
Q
Q
CLR
D
SI
CK
SI
CK
SI
CK
5 V
5 V
CK
CK
CK
CK
SHIFT REG
SHIFT REG
SHIFT REG
SHIFT REG
SW 1
PORT ACTIVITY LEDS
PORT STATUS LEDS
Notes:
1. Both bIMR8 and bIMR4 devices are used in Minimum Mode.
2. The information displayed by Port Status LEDs is selected by SW1. In this design, only Link Status and Port Partition Status can
be selected. Users can implement more display options by changing the state of the SCLK input (see the section on Minimum
Mode for detail).
3. The Polarity correction feature is shown disabled since the SI is high at reset. Users can enable this feature by keeping the SI
input low upon reset.
Figure 2. Implementing a 12-Port Unmanaged Hub using a bIMR8 and a bIMR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com