Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME1085 Datasheet (PDF) - Analog Microelectronics

AME1085 Datasheet PDF - Analog Microelectronics
Part # AME1085
Download  AME1085 Download
File Size   103.03 Kbytes
Page   14 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 3A Low Dropout Positive Voltage Regulator

AME1085 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME1085 Datasheet PDF - Analog Microelectronics

Part # AME1085
Download  AME1085 Click to download

File Size   103.03 Kbytes
Page   14 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 3A Low Dropout Positive Voltage Regulator

AME1085 Datasheet (HTML) - Analog Microelectronics


AME1085 Product details

■ General Description
The AME1085 is a 3A low-dropout positive voltage regulator. It is available in fixed and adjustable output voltage versions. Overcurrent and thermal protection are integrated onto the chip. Output current will limit as it reaches the pre-set current or temperature limit. At full rated output current the dropout voltage is 1.4V (max.). AME1085 series regulators provide excellent regulation over line, load and temperature variations.

■ Key Features
● Low dropout voltage 1.2V typically at 3A
● Adjustable or 3.3V fixed voltage
● Line regulation typically 0.015%
● Load regulation typically 0.05%
● Adjust pin (ADJ) current less than 90υA
● Overcurrent protection
● Thermal protection
● Available in TO-220, TO-263, TO-252

■ Applications
● High Efficiency Linear Regulators
● Post Regulators for Switching Supplies
● 5V to 3.3V Voltage Converter
● Battery Charger




Similar Part No. - AME1085

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
AME1084ACBT AME-AME1084ACBT Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
AME1084ACCS AME-AME1084ACCS Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
AME1084ACDT AME-AME1084ACDT Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
AME1084ACDT-3 AME-AME1084ACDT-3 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
More results


Similar Description - AME1085

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
3A Low Dropout Positive Voltage Regulator
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com