Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1085U Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H1085U Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H1085U
Download  H1085U Download
File Size   57.28 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR

H1085U Datasheet (PDF)

Go To PDF Page Download Datasheet
H1085U Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H1085U
Download  H1085U Click to download

File Size   57.28 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR

H1085U Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H1085U Product details

General Description
The H1085U is a 3A low-dropout positive voltage regulator. It is available in fixed and adjustable output voltage versions. Over Current and thermal protection are integrated onto the chip. Output current will decrease while it reaches the pre-set current or temperature limit. The dropout voltage is specified at 1.2V Maximum at full rated output current. H1085U Series provides excellent regulation over variations due to changes in line, load and temperature. H1085U is three terminal regulator and available in popular packages.

Features
• Low Dropout Voltage 1.2V at 3A.
• Adjustable or Fixed Voltage.
• Line Regulation Typically 0.015%.
• Load Regulation Typically 0.05%.
• Adjust Pin Current Less Than 90 uA.
• Over Current Protection.
• Thermal Protection.

Applications
• High Efficiency Linear Regulators.
• Post Regulators For Switching Supplies.
• 5V to 3.3V Voltage Converter.
• Battery Charger.




Similar Part No. - H1085U

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1081 PULSE-H1081 Datasheet
93Kb / 2P
TRANSFORMER MODULES With Various Transmit Turns Ratios
H1081 PULSE-H1081 Datasheet
78Kb / 2P
10/100BASE-TX SINGLE PORT TRANSFORMER MODULES
H1081 PULSE-H1081 Datasheet
83Kb / 2P
10/100BASE-TX SINGLE PORT TRANSFORMER MODULES With Various Transmit Turns Ratios
H1081 PULSE-H1081 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
H1081NL PULSE-H1081NL Datasheet
83Kb / 2P
10/100BASE-TX SINGLE PORT TRANSFORMER MODULES With Various Transmit Turns Ratios
More results


Similar Description - H1085U

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
3A Low Dropout Positive Voltage Regulator
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com