Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8803 Datasheet (PDF) - Analog Microelectronics

AME8803 Datasheet PDF - Analog Microelectronics
Part # AME8803
Download  AME8803 Download
File Size   117.73 Kbytes
Page   13 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 300mA CMOS LDO

AME8803 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME8803 Datasheet PDF - Analog Microelectronics

Part # AME8803
Download  AME8803 Click to download

File Size   117.73 Kbytes
Page   13 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 300mA CMOS LDO

AME8803 Datasheet (HTML) - Analog Microelectronics


AME8803 Product details

■ General Description
The AME8803/8814 family of positive, linear regulators feature low quiescent current (30mA typ.) with low dropout voltage, making them ideal for battery applications. The space-saving SOT-26 package is attractive for "Pocket" and "Hand Held" applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the "Worst" of operating conditions.
An additional feature is a "PowerGood" detector, which pulls low when the output is out of regulation. In applications requiring a low noise, regulated supply, place a 1000pF capacitor between Bypass and ground.

The AME8803/8814 is stable with an output capacitance of 2.2mF or greater.

■ Features
● Very Low Dropout Voltage
● Guaranteed 300mA Output
● Accurate to within 1.5%
● 30mA Quiescent Current
● Over-Temperature Shutdown
● Current Limiting
● Short Circuit Current Fold-back
● Noise Reduction Bypass Capacitor
● Power Good Detector
● Power-Saving Shutdown Mode
● Space-Saving SOT-26
● Factory Pre-set Output Voltages
● Low Temperature Coefficient
● All AMEs Lead Free Products Meet RoHS Standards

■ Applications
● Instrumentation
● Portable Electronics
● Wireless Devices
● Cordless Phones
● PC Peripherals
● Battery Powered Widgets
● Electronic Scales




Similar Part No. - AME8803

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME88031EEYL AME-AME88031EEYL Datasheet
218Kb / 19P
300mA CMOS LDO
AME88031EEYY AME-AME88031EEYY Datasheet
218Kb / 19P
300mA CMOS LDO
AME88031EEYZ AME-AME88031EEYZ Datasheet
218Kb / 19P
300mA CMOS LDO
AME88032EEYL AME-AME88032EEYL Datasheet
218Kb / 19P
300mA CMOS LDO
AME88032EEYY AME-AME88032EEYY Datasheet
218Kb / 19P
300mA CMOS LDO
More results


Similar Description - AME8803

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
300mA CMOS LDO
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
300mA CMOS LDO
2002
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
300mA CMOS LDO
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
300mA CMOS LDO
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com