Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet (PDF) - Advanced Micro Devices

29F040 Datasheet PDF - Advanced Micro Devices
Part # 29F040
Download  29F040 Download
File Size   394.72 Kbytes
Page   30 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory

29F040 Datasheet (PDF)

Go To PDF Page Download Datasheet
29F040 Datasheet PDF - Advanced Micro Devices

Part # 29F040
Download  29F040 Click to download

File Size   394.72 Kbytes
Page   30 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory

29F040 Datasheet (HTML) - Advanced Micro Devices


29F040 Product details

GENERAL DESCRIPTION
The Am29F040B is a 4 Mbit, 5.0 volt-only Flash memory organized as 524,288 Kbytes of 8 bits each. The 512 Kbytes of data are divided into eight sectors of 64 Kbytes each for flexible erase capability. The 8 bits of data appear on DQ0–DQ7. The Am29F040B is offered in 32-pin PLCC, TSOP, and PDIP packages. This device is designed to be programmed in-system with the standard system 5.0 volt VCC supply. A 12.0 volt VPP is not required for write or erase operations. The device can also be programmed in standard EPROM programmers.
This device is manufactured using AMD’s 0.35 µm process technology, and offers all the features and benefits of the Am29F040, which was manufactured using 0.5 µm process technology. In addtion, the Am29F040B has a second toggle bit, DQ2, and also offers the ability to program in the Erase Suspend mode.

Distinctive Characteristics
■ 5.0 V ± 10% for read and write operations
   — Minimizes system level power requirements
■ Manufactured on 0.35 µm process technology
   — Compatible with 0.5 µm Am29F040 device
■ High performance
   — Access times as fast as 55 ns
■ Low power consumption
   — 20 mA typical active read current
   — 30 mA typical program/erase current
   — 1 µA typical standby current (standard access time to active mode)
■ Flexible sector architecture
   — 8 uniform sectors of 64 Kbytes each
   — Any combination of sectors can be erased
   — Supports full chip erase
   — Sector protection:
      A hardware method of locking sectors to prevent any program or erase operations within that sector
■ Embedded Algorithms
   — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors
   — Embedded Program algorithm automatically writes and verifies bytes at specified addresses
■ Minimum 1,000,000 program/erase cycles per sector guaranteed
■ Package options
   — 32-pin PLCC, TSOP, or PDIP
■ Compatible with JEDEC standards
   — Pinout and software compatible with single-power-supply Flash standard
   — Superior inadvertent write protection
■ Data# Polling and toggle bits
   — Provides a software method of detecting program or erase cycle completion
■ Erase Suspend/Erase Resume
   — Suspends a sector erase operation to read data from, or program data to, a non-erasing sector, then resumes the erase operation 




Similar Part No. - 29F040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29F040 STMICROELECTRONICS-29F040 Datasheet
232Kb / 31P
4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
Nov-1999
logo
Macronix International
29F040-12 MCNIX-29F040-12 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-55 MCNIX-29F040-55 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-70 MCNIX-29F040-70 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-90 MCNIX-29F040-90 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Similar Description - 29F040

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B-1 AMD-AM29F040B-1 Datasheet
790Kb / 35P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010A AMD-AM29F010A Datasheet
389Kb / 31P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F004B AMD-AM29F004B Datasheet
993Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F010B SPANSION-AM29F010B_06 Datasheet
951Kb / 33P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com