Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet (PDF) - STMicroelectronics

29F040 Datasheet PDF - STMicroelectronics
Part # 29F040
Download  29F040 Download
File Size   232.46 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory

29F040 Datasheet (PDF)

Go To PDF Page Download Datasheet
29F040 Datasheet PDF - STMicroelectronics

Part # 29F040
Download  29F040 Click to download

File Size   232.46 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory

29F040 Datasheet (HTML) - STMicroelectronics


29F040 Product details

DESCRIPTION
The M29F040 is a non-volatile memory that may be erased electrically at the block level, and programmed Byte-by-Byte.
   
■ M29F040 is replaced by the M29F040B
■ 5V ± 10% SUPPLY VOLTAGE for PROGRAM,
    ERASE and READ OPERATIONS
■ FAST ACCESS TIME: 70ns
■ BYTE PROGRAMMING TIME: 10µs typical
■ ERASE TIME
    – Block: 1.0 sec typical
    – Chip: 2.5 sec typical
■ PROGRAM/ERASE CONTROLLER (P/E.C.)
    – Program Byte-by-Byte
    – Data Polling and Toggle bits Protocol for
        P/E.C. Status
■ MEMORY ERASE in BLOCKS
    – 8 Uniform Blocks of 64 KBytes each
    – Block Protection
    – Multiblock Erase
■ ERASE SUSPEND and RESUME MODES
■ LOW POWER CONSUMPTION
    – Read mode: 8mA typical (at 12MHz)
    – Stand-by mode: 25µA typical
    – Automatic Stand-by mode
■ 100,000 PROGRAM/ERASE CYCLES per
    BLOCK
■ 20 YEARS DATA RETENTION
    – Defectivity below 1ppm/year
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code: E2h
   




Similar Part No. - 29F040

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
29F040 AMD-29F040 Datasheet
394Kb / 30P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Macronix International
29F040-12 MCNIX-29F040-12 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-55 MCNIX-29F040-55 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-70 MCNIX-29F040-70 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-90 MCNIX-29F040-90 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Similar Description - 29F040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
19-Sep-2005
M29W004BT STMICROELECTRONICS-M29W004BT Datasheet
157Kb / 20P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
09-Mar-2000
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
22-Apr-2002
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
19-Sep-2005
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com