Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 29F040
Description  4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F040 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 29F040 Datasheet HTML 2Page - STMicroelectronics 29F040 Datasheet HTML 3Page - STMicroelectronics 29F040 Datasheet HTML 4Page - STMicroelectronics 29F040 Datasheet HTML 5Page - STMicroelectronics 29F040 Datasheet HTML 6Page - STMicroelectronics 29F040 Datasheet HTML 7Page - STMicroelectronics 29F040 Datasheet HTML 8Page - STMicroelectronics 29F040 Datasheet HTML 9Page - STMicroelectronics 29F040 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Memory Blocks
The memory blocks of the M29F040 are shown in
Figure 3. The memory array is divided in 8 uniform
blocks of 64 Kbytes. Each block can be erased
separately or any combination of blocks can be
erased simultaneously. The Block Erase operation
is managed automatically by the P/E.C. The opera-
tion can be suspended in order to read from any
other block, and then resumed.
Block Protection provides additional data security.
Each uniform block can be separately protected or
unprotected against Program or Erase. Bringing A9
and G to VID initiates protection, while bringing A9,
G and E to VID cancels the protection. The block
affected during protection is addressed by the in-
puts on A16, A17, and A18. Unprotect operation
affects all blocks.
Operations
Operations are defined as specific bus cycles and
signals which allow Memory Read, Command
Write, Output Disable, Standby, Read Status Bits,
Block Protect/Unprotect, Block Protection Check
and Electronic Signature Read. They are shown in
Tables 3, 4, 5.
Read. Read operations are used to output the
contents of the Memory Array, the Status Register
or the Electronic Signature. Both Chip Enable E
and Output Enable G must be low in order to read
the output of the memory. The Chip Enable input
also provides power control and should be used for
device selection. Output Enable should be used to
gate data onto the output independent of the device
selection. The data read depends on the previous
command written to the memory (see instructions
RST and RSIG, and Status Bits).
Write. Write operations are used to give Instruction
Commands to the memory or to latch input data to
be programmed. A write operation is initiated when
Chip Enable E is Low and Write Enable W is Low
with Output Enable G High. Addresses are latched
on the falling edge of W or E whichever occurs last.
Commands and Input Data are latched on the rising
edge of W or E whichever occurs first.
Output Disable. The data outputs are high imped-
ance when the Output Enable G is High with Write
Enable W High.
Standby. The memory is in standby when Chip
Enable E is High and Program/Erase Controller
P/E.C. is Idle. The power consumption is reduced
to the standby level and the outputs are high im-
pedance, independent of the Output Enable G or
Write Enable W inputs.
Automatic Standby. After 150ns of inactivity and
when CMOS levels are driving the addresses, the
chip automatically enters a pseudo standby mode
where consumption is reduced to the CMOS
standby value, while outputs are still driving the
bus.
Electronic Signature. Two codes identifying the
manufacturer and the device can be read from the
memory, the manufacturer’s code for STMicroelec-
tronics is 20h, and the device code is E2h for the
M29F040. These codes allow programming equip-
ment or applications to automatically match their
interface to the characteristics of the particular
manufacturer’s product. The Electronic Signature
is output by a Read operation when the voltage
applied to A9 is at VID and address inputs A1 and
A6 are at Low. The manufacturer code is output
when the Address input A0 is Low and the device
code when this input is High. Other Address inputs
are ignored. The codes are output on DQ0-DQ7.
This is shown in Table 4.
The Electronic Signature can also be read, without
raising A9 to VID by giving the memory the instruc-
tion RSIG (see below).
Block Protection. Each uniform block can be
separately protected against Program or Erase.
Block Protection provides additional data security,
as it disables all program or erase operations. This
mode is activated when both A9 and G are set to
VID and the block address is applied on A16-A18.
Block Protection is programmed using a Presto F
program like algorithm. Protection is initiated on the
edge of W falling to VIL. Then after a delay of 100
µs,
the edge of W rising to VIH ends the protection
operation. Protection verify is achieved by bringing
G, E and A6 to VIL while W is at VIH and A9 at VID.
Under these conditions, reading the data output will
yield 01h if the block defined by the inputs on
A16-A18 is protected. Any attempt to program or
erase a protected block will be ignored by the
device.
Any protected block can be unprotected to allow
updating of bit contents. All blocks must be pro-
tected before an unprotect operation. Block Un-
protect is activated when A9, G and E are at VID.
The addresses inputs A6, A12, A16 must be main-
tained at VIH. Block Unprotect is performed through
a Presto F Erase like algorithm. Unprotect is initi-
ated by the edge of W falling to VIL. After a delay
of 10ms, the edge of W rising to VIH will end the
unprotection operation.
Unprotect verify is
achieved by bringing G and E to VIL while A6 and
W are at VIH and A9 at VID. In these conditions,
reading the output data will yield 00h if the block
defined by the inputs on A16-A18 has been suc-
cessfully unprotected. All combinations of A16-
A18 must be addressed in order to ensure that all
of the 8 uniform blocks have been unprotected.
Block Protection Status is shown in Table 5.
6/31
M29F040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com