Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 29F040
Description  4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F040 Datasheet(HTML) 2 Page - STMicroelectronics

  29F040 Datasheet HTML 1Page - STMicroelectronics 29F040 Datasheet HTML 2Page - STMicroelectronics 29F040 Datasheet HTML 3Page - STMicroelectronics 29F040 Datasheet HTML 4Page - STMicroelectronics 29F040 Datasheet HTML 5Page - STMicroelectronics 29F040 Datasheet HTML 6Page - STMicroelectronics 29F040 Datasheet HTML 7Page - STMicroelectronics 29F040 Datasheet HTML 8Page - STMicroelectronics 29F040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A17
W
A16
A12
A18
VCC
A15
AI01379
M29F040
(Normal)
8
1
9
16
17
24
25
32
VSS
Figure 2B. TSOP Pin Connections
AI01378
A13
A10
17
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
9
A8
1
A9
DQ7
A14
32
M29F040
A11
G
E
25
Figure 2A. LCC Pin Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A17
W
A16
A12
A18
VCC
A15
AI01174B
M29F040
(Reverse)
8
1
9
16
17
24
25
32
VSS
Figure 2C. TSOP Reverse Pin Connections
DESCRIPTION
The M29F040 is a non-volatile memory that may
be erased electrically at the block level, and pro-
grammed Byte-by-Byte.
The interface is directly compatible with most mi-
croprocessors. PLCC32 and TSOP32 (8 x 20mm)
packages are available. Both normal and reverse
pin outs are available for the TSOP32 package.
Organisation
The Flash Memory organisation is 512K x8 bits with
Address lines A0-A18 and Data Inputs/Outputs
DQ0-DQ7. Memory control is provided by Chip
Enable, Output Enable and Write Enable Inputs.
Erase and Program are performed through the
internal Program/Erase Controller (P/E.C.).
Data Outputs bits DQ7 and DQ6 provide polling or
toggle signals during Automatic Program or Erase
to indicate the Ready/Busy state of the internal
Program/Erase Controller.
Memory Blocks
Erasure of the memory is in blocks. There are 8
uniform blocks of 64 Kbytes each in the memory
address space. Each block can be programmed
and erased over 100,000 cycles. Each uniform
block may separately be protected and unpro-
2/31
M29F040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com