Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet(PDF) 14 Page - STMicroelectronics

Part # 29F040
Description  4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F040 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 29F040 Datasheet HTML 10Page - STMicroelectronics 29F040 Datasheet HTML 11Page - STMicroelectronics 29F040 Datasheet HTML 12Page - STMicroelectronics 29F040 Datasheet HTML 13Page - STMicroelectronics 29F040 Datasheet HTML 14Page - STMicroelectronics 29F040 Datasheet HTML 15Page - STMicroelectronics 29F040 Datasheet HTML 16Page - STMicroelectronics 29F040 Datasheet HTML 17Page - STMicroelectronics 29F040 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Symbol
Alt
Parameter
M29F040
Unit
-70
-90
VCC = 5V
± 10%
VCC = 5V
± 10%
Standard
Interface
Standard
Interface
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
70
90
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
35
45
ns
tDVWH
tDS
Input Valid to Write Enable High
30
45
ns
tWHDX
tDH
Write Enable High to Input Transition
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
ns
tWHWL
tWPH Write Enable High to Write Enable Low
20
20
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
45
45
ns
tGHWL
Output Enable High to Write Enable Low
0
0
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
50
µs
tWHQV1
(1)
Write Enable High to Output Valid (Program)
10
10
µs
tWHQV2
(1)
Write Enable High to Output Valid
(Block Erase)
1.0
30
1.0
30
sec
tWHGL
tOEH
Write Enable High to Output Enable Low
0
0
ns
Note: 1. Time is measured to Data Polling or Toggle Bit, tWHQV = tWHQ7V + tQ7VQV
2. The temperature range –40 to 125
°C is guaranteed at 70ns with High Speed Interface test condition and VCC = 5V ± 5%.
Table 13A. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70
°C, –20 to 85°C, –40 to 85°C or –40 to 125°C)(2)
Erase Resume (ER) instruction. If an Erase Sus-
pend instruction was previously executed, the
erase operation may be resumed by giving the
command 30h, at any address, and without any
coded cycles.
Power Up
The memory Command Interface is reset on power
up to Read Array. Either E or W must be tied to VIH
during Power-up to allow maximum security and
the possibility to write a command on the first rising
adge of E or W. Any write cycle initiation is blocked
when VCC is below VLKO.
Supply Rails
Normal precautions must be taken for supply volt-
age decoupling, each device in a system should
have the VCC rail decoupled with a 1.0
µF capacitor
close to the VCC and VSS pins. The PCB trace
widths should be sufficient to carry the VCC pro-
gram and erase currents required.
14/31
M29F040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com