Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 29F040
Description  4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F040 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 29F040 Datasheet HTML 7Page - STMicroelectronics 29F040 Datasheet HTML 8Page - STMicroelectronics 29F040 Datasheet HTML 9Page - STMicroelectronics 29F040 Datasheet HTML 10Page - STMicroelectronics 29F040 Datasheet HTML 11Page - STMicroelectronics 29F040 Datasheet HTML 12Page - STMicroelectronics 29F040 Datasheet HTML 13Page - STMicroelectronics 29F040 Datasheet HTML 14Page - STMicroelectronics 29F040 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Symbol
Alt
Parameter
Test Condition
M29F040
Unit
-70
-90
VCC = 5V
± 5% VCC = 5V ± 10%
Standard
Interface
Standard
Interface
Min
Max
Min
Max
tAVAV
tRC
Address Valid to Next Address Valid
E = VIL, G = VIL
70
90
ns
tAVQV
tACC
Address Valid to Output Valid
E = VIL, G = VIL
70
90
ns
tELQX
(1)
tLZ
Chip Enable Low to Output Transition
G = VIL
00
ns
tELQV
(2)
tCE
Chip Enable Low to Output Valid
G = VIL
70
90
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output
Transition
E = VIL
00
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
E = VIL
30
35
ns
tEHQX
tOH
Chip Enable High to Output
Transition
G = VIL
00
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
G = VIL
20
20
ns
tGHQX
tOH
Output Enable High to Output
Transition
E = VIL
00
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
E = VIL
20
20
ns
tAXQX
tOH
Address Transition to Output
Transition
E = VIL, G = VIL
20
20
ns
Notes: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
3. The temperature range –40 to 125
°C is guaranteed at 70ns with High Speed Interface test condition and VCC = 5V ± 5%.
Table 12A. Read AC Characteristics
(TA = 0 to 70
°C, –20 to 85°C, –40 to 85°C or –40 to 125°C)(3)
Block Erase (BE) instruction. This instruction
uses a minimum of six write cycles. The Erase
Set-up command 80h is written to address 5555h
on third cycle after the two coded cycles. The Block
Erase Confirm command 30h is written on sixth
cycle after another two coded cycles. During the
input of the second command an address within
the block to be erased is given and latched into the
memory. Additional Block Erase confirm com-
mands and block addresses can be written sub-
sequently to erase other blocks in parallel, without
further coded cycles. The erase will start after an
Erase timeout period of about 100
µs. Thus, addi-
tional Block Erase commands must be given within
this delay. The input of a new Block Erase com-
mand will restart the timeout period. The status of
the internal timer can be monitored through the
level of DQ3, if DQ3 is ’0’ the Block Erase Com-
mand has been given and the timeout is running, if
DQ3 is ’1’, the timeout has expired and the P/E.C
is erasing the block(s). Before and during Erase
timeout, any command different from 30h will abort
the instruction and reset the device to read array
mode. It is not necessary to program the block with
00h as the P/E.C. will do this automatically before
erasing to FFh. Read operations after the sixth
rising edge of W or E output the status register bits.
During the execution of the erase by the P/E.C., the
memory accepts only the ES (Erase Suspend) and
RST (Reset) instructions. Data Polling bit DQ7
returns ’0’ while the erasure is in progress and ’1’
when it has completed. The Toggle Bit DQ6 toggles
during the erase operation. It stops when erase is
completed. After completion the Status Register
bit DQ5 returns ’1’ if there has been an Erase
Failure because erasure has not completed even
after the maximum number of erase cycles have
been executed. In this case, it will be necessary to
input a Reset (RST) to the command interface in
order to reset the P/E.C.
11/31
M29F040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com